Electronic Components Datasheet Search |
|
P7805-2000R-S Datasheet(PDF) 2 Page - CUI INC |
|
|
P7805-2000R-S Datasheet(HTML) 2 Page - CUI INC |
2 / 6 page cui.com CUI Inc │ SERIES: P78-2000R-S │ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR date 08/08/2022 │ page 2 of 6 INPUT parameter conditions/description min typ max units no load input current (positive output) at nominal input 1 mA reverse polarity at input avoid / not protected input filter capacitance filter OUTPUT parameter conditions/description min typ max units line regulation Vin = min ~ max, at full load ±0.4 ±0.8 % load regulation at nominal input, 10% ~ 100% load ±0.5 ±1.5 % voltage accuracy at nominal input, 10% ~ 100% load ±3.0 % switching frequency at nominal input, full load 400 kHz temperature coefficient -40°C ~ 80°C ±0.03 %/°C transient response deviation at nominal input, 25% load step change (25%~50%~25%, 50%~75%~50% step) ±50 ±150 mV transient recovery time at nominal input, 25% load step change (25%~50%~25%, 50%~75%~50% step) 0.2 1 ms PROTECTIONS parameter conditions/description min typ max units short circuit protection continuous, auto recovery SAFETY AND COMPLIANCE parameter conditions/description min typ max units safety approvals designed to meet 62368: EN, IEC, UKCA conducted emissions CISPR32/EN55032 CLASS B (see Fig. 2-2 for recommended circuit) radiated emissions CISPR32/EN55032 CLASS B (see Fig. 2-2 for recommended circuit) ESD IEC/EN 61000-4-2 Contact ±6kV, perf. Criteria B radiated immunity IEC/EN 61000-4-3 10V/m, perf. Criteria A EFT/burst IEC/EN 61000-4-4 ±1kV, perf. Criteria B (see Fig. 2-1 for recommended circuit) surge IEC/EN 61000-4-5 line to line ±1kV, perf. Criteria B (see Fig. 2-1 for recommended circuit) conducted immunity IEC/EN 61000-4-6 3Vr.m.s, perf. Criteria A MTBF as per MIL-HDBK-217 at 25°C 2,000,000 hours RoHS compliant yes ENVIRONMENTAL parameter conditions/description min typ max units operating temperature see derating curves -40 85 °C storage temperature -55 125 °C storage humidity non-condensing 5 95 % pin soldering resistance temperature for max 10 seconds 260 °C Additional Resources: Product Page | 3D Model | PCB Footprint |
Similar Part No. - P7805-2000R-S |
|
Similar Description - P7805-2000R-S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |