Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25B880N3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S25B880N3
Description  Directional Couplers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S25B880N3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S25B880N3 Datasheet HTML 1Page - List of Unclassifed Manufacturers S25B880N3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Directional Couplers
25 dB
Model S25B880N3
Outline Drawing
Features
• 869 - 894 MHz
• 350 Watts
• Low Loss
• High Directivity
• Surface Mountable
•Tape and Reel
• Convenient Package
• 100% Tested
1
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121
Sales Desk Europe: Voice: (+44) 23 92 232392 Fax: (+44) 23 92 251369
Available on Tape and Reel for Pick and Place Manufacturing.
Description
The S25B880N3 is a low profile 25 dB directional coupler in an easy
to use surface mount package covering AMPS applications. The
S25B880N3 is ideal for power and frequency detection as well as
VSWR monitoring and can be used in most high power designs. Parts
have been run through rigorous qualifications and units are 100%
tested. They are manufactured using materials with X and Y thermal
expansion coefficients compatible with common substrates.
Electrical Specifications
Frequency
Mean Coupling
Insert. Loss
VSWR
MHz
dB
dB Max
Max: 1
869 - 894
25.0 ± 2.0
0.10
1.25
Freq. Sens.
Directivity
Temp.
Power
dB Max
dB Min
°C
Avg. CW Watts
±0.30
20
-55 to +85
350
Specifications subject to change without notice.
VER. 2/7/02


Similar Part No. - S25B880N3

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
S25B GENESIC-S25B Datasheet
763Kb / 3P
   Silicon Standard Recovery Diode
S25B GENESIC-S25B Datasheet
784Kb / 3P
   Silicon Standard Recovery Diode
S25B GENESIC-S25B Datasheet
777Kb / 3P
   Silicon Standard Recovery Diode
S25BR GENESIC-S25BR Datasheet
763Kb / 3P
   Silicon Standard Recovery Diode
S25BR GENESIC-S25BR Datasheet
777Kb / 3P
   Silicon Standard Recovery Diode
More results

Similar Description - S25B880N3

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
   DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
CRS-10-165 MERRIMAC-CRS-10-165 Datasheet
88Kb / 1P
   DIRECTIONAL COUPLERS
CSD-10H-1.9G MERRIMAC-CSD-10H-1.9G Datasheet
177Kb / 5P
   DIRECTIONAL COUPLERS
logo
Anaren Microwave
10930-6 ANAREN-10930-6_14 Datasheet
159Kb / 4P
   Directional Couplers
1X505 ANAREN-1X505 Datasheet
83Kb / 2P
   Directional Couplers
10013-10 ANAREN-10013-10 Datasheet
134Kb / 3P
   Directional Couplers
logo
Mini-Circuits
DBTC-6-4-75L MINI-DBTC-6-4-75L Datasheet
316Kb / 1P
   Directional Couplers
logo
Anaren Microwave
10615-10 ANAREN-10615-10_14 Datasheet
149Kb / 4P
   Directional Couplers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com