Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2014ASM Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP2014ASM
Description  SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2014ASM Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP2014ASM Datasheet HTML 5Page - Diodes Incorporated AP2014ASM Datasheet HTML 6Page - Diodes Incorporated AP2014ASM Datasheet HTML 7Page - Diodes Incorporated AP2014ASM Datasheet HTML 8Page - Diodes Incorporated AP2014ASM Datasheet HTML 9Page - Diodes Incorporated AP2014ASM Datasheet HTML 10Page - Diodes Incorporated AP2014ASM Datasheet HTML 11Page - Diodes Incorporated AP2014ASM Datasheet HTML 12Page - Diodes Incorporated AP2014ASM Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AP2014/A
SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
12 of 13
AP2014/A
www.diodes.com
© Diodes Incorporated
(1) SOP-8L
AP2014(A)
(Top view)
Y WW
Part Number
Logo
WW: Nth week
Y: Year
X
Blank : Lead Free
G : Green
Marking Code Table
Device
Package
Marking Code
Date Code
AP2014
SOP-8L
AP2014
YWW
AP2014A
SOP-8L
AP2014A
YWW
Date Code Key
Year
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
2016
2017
Code
T
U
V
W
X
Y
Z
A
B
C
D
E
Package Information (All Dimensions in mm)
Package Type: SOP-8L


Similar Part No. - AP2014ASM

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014ASG-13 DIODES-AP2014ASG-13 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
AP2014ASL-13 DIODES-AP2014ASL-13 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
More results

Similar Description - AP2014ASM

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F72820 FINTEK-F72820 Datasheet
508Kb / 18P
   Synchronous Buck PWM DC-DC Controller
F72814 FINTEK-F72814 Datasheet
486Kb / 16P
   Synchronous Buck PWM DC-DC Controller
logo
Fitipower Integrated Te...
FP6329 FITIPOWER-FP6329 Datasheet
699Kb / 16P
   Synchronous Buck PWM DC-DC Controller
logo
Richtek Technology Corp...
RT9202B RICHTEK-RT9202B Datasheet
197Kb / 14P
   Single Synchronous Buck PWM DC-DC Controller
RT9202 RICHTEK-RT9202_07 Datasheet
197Kb / 14P
   Single Synchronous Buck PWM DC-DC Controller
RT9202 RICHTEK-RT9202 Datasheet
149Kb / 16P
   SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
   5V/12V Synchronous Buck PWM DC/DC Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
   5V/12V Synchronous Buck PWM DC-DC Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com