Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEC0382V2-0000-A99 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MEC0382V2-0000-A99
Description  DR MagLev motor fan
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MEC0382V2-0000-A99 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MEC0382V2-0000-A99 Datasheet HTML 2Page - List of Unclassifed Manufacturers MEC0382V2-0000-A99 Datasheet HTML 3Page - List of Unclassifed Manufacturers MEC0382V2-0000-A99 Datasheet HTML 4Page - List of Unclassifed Manufacturers MEC0382V2-0000-A99 Datasheet HTML 5Page - List of Unclassifed Manufacturers MEC0382V2-0000-A99 Datasheet HTML 6Page - List of Unclassifed Manufacturers MEC0382V2-0000-A99 Datasheet HTML 7Page - List of Unclassifed Manufacturers MEC0382V2-0000-A99 Datasheet HTML 8Page - List of Unclassifed Manufacturers MEC0382V2-0000-A99 Datasheet HTML 9Page - List of Unclassifed Manufacturers MEC0382V2-0000-A99 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Model
Power
Consumption
(WATTS)
Speed
(RPM)
Air
Flow
(CFM)
Noise
(dBA)
Static
Pressure
(Inch-H2O)
Rating
Voltage
(VDC)
Power
Current
(mA)
Weight
(g)
Bearing
VAPO
12
12
12
341
285
223
Bearing
VAPO
(VDC)
12
12
12
(mA)
341
285
223
(VDC)
12
12
12
12
24
24
24
24
(mA)
160
145
120
81
90
73
59
49
(g)
75.0
75.0
75.0
75.0
75.0
75
(VDC)
12
12
12
12
24
24
24
24
(mA)
150
145
120
90
80
73
64
50
(VDC)
12
12
12
24
24
24
(mA)
145
120
90
73
64
52
(RPM)
3200
2900
2600
3200
2900
2600
(CFM)
41
37
33
41
37
33
(Inch-H2O)
0.18
0.15
0.11
0.18
0.15
0.11
(dBA)
33
30
28
33
30
28
80x80x25
PF80251V1-0000-A99
PF80251V2-0000-A99
PF80251V3-0000-A99
Model
PF80251B1-0000-A99
PF80251B2-0000-A99
PF80251B3-0000-A99
Model
ME80251VX-0000-A99
ME80251V1-0000-A99
ME80251V2-0000-A99
ME80251V3-0000-A99
ME80252VX-0000-A99
ME80252V1-0000-A99
ME80252V2-0000-A99
ME80252V3-0000-A99
Model
EE80251BX-0000-A99
EE80251B1-0000-A99
EE80251B2-0000-999
EE80251B3-0000-999
EE80252BX-0000-A99
EE80252B1-0000-A99
EE80252B2-0000-999
EE80252B3-0000-999
Model
EE80251S1-0000-A99
EE80251S2-0000-A99
EE80251S3-0000-A99
EE80252S1-0000-A99
EE80252S2-0000-A99
EE80252S3-0000-A99
4.10
3.40
2.70
(WATTS)
4.10
3.40
2.70
(WATTS)
1.90
1.70
1.40
1.10
2.20
1.80
1.40
1.20
(WATTS)
1.80
1.70
1.40
1.10
1.92
1.80
1.50
1.20
(WATTS)
1.7
1.4
1.1
1.8
1.5
1.3
4800
4500
4200
(RPM)
4800
4500
4200
(RPM)
3600
3200
2900
2600
3600
3200
2900
2600
(RPM)
3600
3200
2900
2600
3600
3200
2900
2600
60
57
53
(CFM)
60
57
53
(CFM)
45
41
37
33
45
41
37
33
(CFM)
45
41
37
33
45
41
37
33
0.41
0.35
0.30
(Inch-H2O)
0.41
0.35
0.30
(Inch-H2O)
0.23
0.18
0.15
0.11
0.23
0.18
0.15
0.11
(Inch-H2O)
0.23
0.18
0.15
0.11
0.23
0.18
0.15
0.11
46.5
45.0
43.5
(dBA)
47.5
46.0
44.5
(dBA)
37.0
33.0
30.0
28.0
37.0
33.0
30.0
28.0
(dBA)
38
33
30
28
38
33
30
28
91.0
91.0
91.0
(g)
91.0
91.0
91.0
(g)
89.0
77.0
75.0
75.0
89.0
75.0
75.0
75.0
(g)
89.0
75.0
75.0
75.0
89.0
75.0
75.0
75.0
Bearing
2BALL
Bearing
2BALL
Bearing
SLEEVE
Dustproof
Oil Free
High Air Flow
06
* If you need special specification. Please contact Sunon sales.
* Specifications are subject to change without notice. Specifications in this catalog are for reference. More Sunon products information please
visit SUNON web site at http://www.sunon.com.
*2010 / 05 / 31


Similar Part No. - MEC0382V2-0000-A99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MEC0382V2-000U-A99 ETC-MEC0382V2-000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
More results

Similar Description - MEC0382V2-0000-A99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF20100V1-1000U-A99 ETC-MF20100V1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
KDE0504PKV1 ETC-KDE0504PKV1 Datasheet
145Kb / 3P
   MagLev Motor Fan
logo
Sunon Fans
PM06PTVX-A SUNON-PM06PTVX-A Datasheet
609Kb / 9P
   MagLev Motor Fan
07. 01. 2013
logo
List of Unclassifed Man...
MA1082-HVLGN ETC-MA1082-HVLGN Datasheet
116Kb / 2P
   MagLev Motor AC Fan 40-41 CFM
logo
Panasonic Semiconductor
AN8267S PANASONIC-AN8267S Datasheet
53Kb / 5P
   Fan Motor Driver
logo
ON Semiconductor
LB11852FV ONSEMI-LB11852FV Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
LB11988V ONSEMI-LB11988V Datasheet
89Kb / 6P
   Fan Motor Driver
May, 2013
LA6587FA ONSEMI-LA6587FA Datasheet
81Kb / 5P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
75Kb / 8P
   Fan Motor Driver
LB11988H SANYO-LB11988H Datasheet
78Kb / 8P
   Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com