Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEC0254V2-0000-A99 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MEC0254V2-0000-A99
Description  DR MagLev motor fan
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MEC0254V2-0000-A99 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MEC0254V2-0000-A99 Datasheet HTML 2Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 3Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 4Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 5Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 6Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 7Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 8Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 9Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Dustproof
Oil Free
High Air Flow
Model
EEC0251B1-0000-A99
EEC0251B2-0000-A99
EEC0251B3-0000-A99
EEC0252B1-0000-A99
EEC0252B2-0000-A99
EEC0252B3-0000-A99
EEC0254B1-0000-A99
EEC0254B2-0000-A99
EEC0254B3-0000-A99
MEC0251V1-0000-A99
MEC0251V2-0000-A99
MEC0251V3-0000-A99
MEC0252V1-0000-A99
MEC0252V2-0000-A99
MEC0252V3-0000-A99
MEC0254V1-0000-A99
MEC0254V2-0000-A99
MEC0254V3-0000-A99
120x120x25
Model
120x120x38
Model
MEC0381V1-0000-A99
MEC0381V2-0000-A99
MEC0381V3-0000-A99
MEC0382V1-0000-A99
MEC0382V2-0000-A99
MEC0382V3-0000-A99
MEC0384V1-0000-A99
MEC0384V2-0000-A99
MEC0384V3-0000-A99
(WATTS)
5.4
3.4
1.9
5.0
3.5
2.0
5.7
3.8
2.6
5.4
3.4
1.9
5.0
3.5
2.0
5.7
3.8
2.6
Power
Consumption
(WATTS)
(WATTS)
10.0
5.1
2.9
9.2
5.4
3.1
9.7
5.8
3.3
10.0
5.1
2.9
9.2
5.4
3.1
9.7
5.8
3.3
(WATTS)
(RPM)
3100
2700
2200
3100
2700
2200
3100
2700
2200
3100
2700
2200
3100
2700
2200
3100
2700
2200
Speed
(RPM)
(RPM)
3100
2600
2100
3100
2600
2100
3100
2600
2100
3100
2600
2100
3100
2600
2100
3100
2600
2100
(RPM)
(CFM)
108.2
93.0
75.0
108.2
93.0
75.0
108.2
93.0
75.0
108.2
93.0
75.0
108.2
93.0
75.0
108.2
93
75
Air
Flow
(CFM)
(CFM)
138
116
93
138
116
93
138
116
93
138
116
93
138
116
93
138
116
93
(CFM)
(dBA)
44.5
40.5
34.0
44.5
40.5
34.0
44.5
40.5
34.0
44.5
40.5
34.0
44.5
40.5
34.0
44.5
40.5
34.0
Noise
(dBA)
(dBA)
48.0
44.0
37.0
48.0
44.0
37.0
48.0
44.0
37.0
48.0
44.0
37.0
48.0
44.0
37.0
48.0
44.0
37.0
(dBA)
(Inch-H2O)
0.28
0.22
0.16
0.28
0.22
0.16
0.28
0.22
0.16
0.28
0.22
0.16
0.28
0.22
0.16
0.28
0.22
0.16
Static
Pressure
(Inch-H2O)
(Inch-H2O)
0.36
0.26
0.18
0.36
0.26
0.18
0.36
0.26
0.18
0.36
0.26
0.18
0.36
0.26
0.18
0.36
0.26
0.18
(Inch-H2O)
Model
EEC0381B1-0000-A99
EEC0381B2-0000-A99
EEC0381B3-0000-A99
EEC0382B1-0000-A99
EEC0382B2-0000-A99
EEC0382B3-0000-A99
EEC0384B1-0000-A99
EEC0384B2-0000-A99
EEC0384B3-0000-A99
(VDC)
12
12
12
24
24
24
48
48
48
12
12
12
24
24
24
48
48
48
Rating
Voltage
(VDC)
(VDC)
12
12
12
24
24
24
48
48
48
(VDC)
12
12
12
24
24
24
48
48
48
(mA)
451
297
161
207
146
84
119
79
54
451
279
161
207
146
84
119
79
54
Power
Current
(mA)
(mA)
833
421
241
383
224
130
203
120
69
(mA)
833
421
241
383
224
130
203
120
69
(g)
157.0
157.0
157.0
157.0
157.0
157.0
157.0
157.0
157.0
162.0
162.0
162.0
162.0
162.0
162.0
162.0
162.0
162.0
Weight
(g)
(g)
218.0
218.0
218.0
218.0
218.0
218.0
218.0
218.0
218.0
(g)
214.0
214.0
214.0
214.0
214.0
214.0
214.0
214.0
214.0
Bearing
2BALL
Bearing
VAPO
Bearing
VAPO
Bearing
2BALL
08
* If you need special specification. Please contact Sunon sales.
* Specifications are subject to change without notice. Specifications in this catalog are for reference. More Sunon products information please
visit SUNON web site at http://www.sunon.com.
*2010 / 05 / 31


Similar Part No. - MEC0254V2-0000-A99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MEC0381V1-000U-A99 ETC-MEC0381V1-000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
MEC0381V2-000U-A99 ETC-MEC0381V2-000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
MEC0381V3-000U-A99 ETC-MEC0381V3-000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
MEC0382V1-000U-A99 ETC-MEC0382V1-000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
MEC0382V2-000U-A99 ETC-MEC0382V2-000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
More results

Similar Description - MEC0254V2-0000-A99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF20100V1-1000U-A99 ETC-MF20100V1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
KDE0504PKV1 ETC-KDE0504PKV1 Datasheet
145Kb / 3P
   MagLev Motor Fan
logo
Sunon Fans
PM06PTVX-A SUNON-PM06PTVX-A Datasheet
609Kb / 9P
   MagLev Motor Fan
07. 01. 2013
logo
List of Unclassifed Man...
MA1082-HVLGN ETC-MA1082-HVLGN Datasheet
116Kb / 2P
   MagLev Motor AC Fan 40-41 CFM
logo
Panasonic Semiconductor
AN8267S PANASONIC-AN8267S Datasheet
53Kb / 5P
   Fan Motor Driver
logo
ON Semiconductor
LB11852FV ONSEMI-LB11852FV Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
LB11988V ONSEMI-LB11988V Datasheet
89Kb / 6P
   Fan Motor Driver
May, 2013
LA6587FA ONSEMI-LA6587FA Datasheet
81Kb / 5P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
75Kb / 8P
   Fan Motor Driver
LB11988H SANYO-LB11988H Datasheet
78Kb / 8P
   Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com