Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEC0254V2-0000-A99 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MEC0254V2-0000-A99
Description  DR MagLev motor fan
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MEC0254V2-0000-A99 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MEC0254V2-0000-A99 Datasheet HTML 2Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 3Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 4Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 5Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 6Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 7Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 8Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 9Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Dustproof
Oil Free
High Air Flow
80x80x32
Model
92x92x25
PF92251V1-0000-A99
PF92251V2-0000-A99
PF92251V3-0000-A99
Model
ME92251VX-0000-A99
ME92251V1-0000-A99
ME92251V2-0000-A99
ME92251V3-0000-A99
ME92252VX-0000-A99
ME92252V1-0000-A99
ME92252V2-0000-A99
ME92252V3-0000-A99
Model
EE92251BX-0000-A99
EE92251B1-0000-A99
EE92251B2-0000-999
EE92251B3-0000-999
EE92252BX-0000-A99
EE92252B1-0000-A99
EE92252B2-0000-999
EE92252B3-0000-999
Model
EE92251S1-0000-A99
EE92251S2-0000-999
EE92251S3-0000-999
EE92252S1-0000-A99
EE92252S2-0000-999
EE92252S3-0000-999
Model
PF92251B1-0000-A99
PF92251B2-0000-A99
PF92251B2-0000-A99
Rating
Voltage
(VDC)
12
12
12
12
12
12
(VDC)
12
12
12
12
24
24
24
24
(VDC)
12
12
12
12
24
24
24
24
(VDC)
12
12
12
24
24
24
(VDC)
(VDC)
12
12
12
Power
Current
(mA)
310
230
200
393
325
260
(mA)
190
165
135
91
100
87
68
56
(mA)
190
165
135
105
100
87
70
57
(mA)
165
135
105
87
72
60
(mA)
(mA)
393
325
260
Power
Consumption
(WATTS)
3.7
2.8
2.4
4.70
3.90
3.10
(WATTS)
2.28
2.00
1.60
1.30
2.40
2.10
1.60
1.30
(WATTS)
2.28
1.98
1.60
1.30
2.40
2.10
1.70
1.40
(WATTS)
2.00
1.60
1.30
2.10
1.70
1.40
(WATTS)
(WATTS)
4.70
3.90
3.10
Speed
(RPM)
4800
4500
4100
4500
4200
3900
(RPM)
3400
3000
2700
2400
3400
3000
2700
2400
(RPM)
3400
3000
2700
2400
3400
3000
2700
2400
(RPM)
3000
2700
2400
3000
2700
2400
(RPM)
(RPM)
4500
4200
3900
Air
Flow
(CFM)
59.4
55.9
50.3
75.0
70.0
65.0
(CFM)
55.0
51.5
45.0
39.5
55.0
51.5
45.0
39.5
(CFM)
55.0
51.5
45.0
39.5
55.0
51.5
45.0
39.5
(CFM)
51.5
45.0
39.5
51.5
45.0
39.5
(CFM)
(CFM)
75.0
70.0
65.0
Static
Pressure
(Inch-H2O)
0.36
0.32
0.27
0.35
0.30
0.25
(Inch-H2O)
0.21
0.15
0.13
0.10
0.21
0.15
0.13
0.10
(Inch-H2O)
0.21
0.15
0.13
0.10
0.21
0.15
0.13
0.10
(Inch-H2O)
0.15
0.13
0.10
0.15
0.13
0.10
(Inch-H2O)
(Inch-H2O)
0.35
0.30
0.25
Noise
(dBA)
45.2
43.1
41.1
46.0
44.0
42.0
(dBA)
37.5
34.0
32.0
28.0
37.5
34.0
32.0
28.0
(dBA)
37.5
34.0
32.0
28.0
37.5
34.0
32.0
28.0
(dBA)
34.0
32.0
28.0
34.0
32.0
28.0
(dBA)
(dBA)
47.0
45.0
43.0
Weight
(g)
96
96
96
103.0
103.0
103.0
(g)
103.0
96.0
94.0
94.0
103.0
94.0
94.0
94.0
(g)
89.0
96.0
94.0
94.0
97.4
96.0
94.0
94.0
(g)
94.0
94.0
94.0
94.0
94.0
94.0
(g)
(g)
98.0
98.0
98.0
Bearing
VAPO
Bearing
2BALL
Bearing
SLEEVE
Bearing
2BALL
Bearing
2BALL
Bearing
VAPO
PF80321B1-0000-A99
PF80321B2-0000-A99
PF80321B3-0000-A99
Model
07
* If you need special specification. Please contact Sunon sales.
* Specifications are subject to change without notice. Specifications in this catalog are for reference. More Sunon products information please
visit SUNON web site at http://www.sunon.com.
*2010 / 05 / 31


Similar Part No. - MEC0254V2-0000-A99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MEC0381V1-000U-A99 ETC-MEC0381V1-000U-A99 Datasheet
8Mb / 89P
DC Brushless Fan & Blower
MEC0381V2-000U-A99 ETC-MEC0381V2-000U-A99 Datasheet
8Mb / 89P
DC Brushless Fan & Blower
MEC0381V3-000U-A99 ETC-MEC0381V3-000U-A99 Datasheet
8Mb / 89P
DC Brushless Fan & Blower
MEC0382V1-000U-A99 ETC-MEC0382V1-000U-A99 Datasheet
8Mb / 89P
DC Brushless Fan & Blower
MEC0382V2-000U-A99 ETC-MEC0382V2-000U-A99 Datasheet
8Mb / 89P
DC Brushless Fan & Blower
More results

Similar Description - MEC0254V2-0000-A99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF20100V1-1000U-A99 ETC-MF20100V1-1000U-A99 Datasheet
327Kb / 14P
MagLev Motor Fan
11.30.2017
KDE0504PKV1 ETC-KDE0504PKV1 Datasheet
145Kb / 3P
MagLev Motor Fan
logo
Sunon Fans
PM06PTVX-A SUNON-PM06PTVX-A Datasheet
609Kb / 9P
MagLev Motor Fan
07. 01. 2013
logo
List of Unclassifed Man...
MA1082-HVLGN ETC-MA1082-HVLGN Datasheet
116Kb / 2P
MagLev Motor AC Fan 40-41 CFM
logo
Panasonic Semiconductor
AN8267S PANASONIC-AN8267S Datasheet
53Kb / 5P
Fan Motor Driver
logo
ON Semiconductor
LB11852FV ONSEMI-LB11852FV Datasheet
172Kb / 12P
For Fan Motor
September, 2013
LB11988V ONSEMI-LB11988V Datasheet
89Kb / 6P
Fan Motor Driver
May, 2013
LA6587FA ONSEMI-LA6587FA Datasheet
81Kb / 5P
Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
75Kb / 8P
Fan Motor Driver
LB11988H SANYO-LB11988H Datasheet
78Kb / 8P
Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com