Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEC0254V2-0000-A99 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MEC0254V2-0000-A99
Description  DR MagLev motor fan
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MEC0254V2-0000-A99 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MEC0254V2-0000-A99 Datasheet HTML 1Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 2Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 3Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 4Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 5Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 6Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 7Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 8Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Dustproof
Oil Free
High Air Flow
35x35x10
Model
MC35100V1-0000-A99
MC35100V2-0000-A99
(VDC)
5
5
(mA)
150
75
(WATTS)
0.75
0.38
(RPM)
9500
7500
(CFM)
7.0
6.5
(Inch-H2O)
0.18
0.12
(dBA)
28.0
22.0
(g)
10.5
10.5
Bearing
VAPO
30x30x10
Model
(VDC)
(mA)
(WATTS)
(RPM)
(CFM)
(Inch-H2O)
(dBA)
(g)
Bearing
VAPO
40x40x10
Model
MB40100V2-0000-A99
ME40101VX-0000-A99
ME40101V1-0000-A99
MB40101V2-0000-A99
(VDC)
5
12
12
12
(mA)
180
130
90
80
(WATTS)
0.90
1.60
1.08
0.96
(RPM)
5800
8500
7000
5800
(CFM)
7.0
9.9
8.0
7.0
(Inch-H2O)
0.11
0.24
0.19
0.11
(dBA)
27.0
36.1
32.0
27.0
(g)
17.0
15.0
13.5
17.0
Bearing
VAPO
MC30100V1-0000-A99
MC30100V2-0000-A99
5
5
120
75
0.60
0.38
9500
8000
5.5
4.6
0.15
0.12
23.0
20.0
8.6
8.6
25x25x10
Model
MC25100V1-0000-A99
MC25100V2-0000-A99
Rating
Voltage
(VDC)
5
5
Power
Current
(mA)
120
85
Power
Consumption
(WATTS)
0.60
0.43
Speed
(RPM)
13000
10000
Air
Flow
(CFM)
3.5
3.0
Static
Pressure
(Inch-H2O)
0.25
0.18
Noise
(dBA)
23.0
16.0
Weight
(g)
7.5
7.5
Bearing
VAPO
03
Model
EB40100S2-0000-999
EB40101S2-0000-999
(VDC)
5
12
(mA)
205
90
(WATTS)
1.03
1.08
(RPM)
5800
5800
(CFM)
7.0
7.0
(Inch-H2O)
0.11
0.11
(dBA)
27.0
27.0
(g)
17.0
17.0
Bearing
Sleeve
50x50x10
Model
MB50100V2-0000-A99
MB50101V2-0000-A99
(VDC)
5
12
(mA)
235
105
(WATTS)
1.18
1.26
(RPM)
4300
4300
(CFM)
11.0
11.0
(Inch-H2O)
0.11
0.11
(dBA)
26.0
26.0
(g)
21
20
Bearing
VAPO
Model
EB50100S2-0000-999
EB50101S2-0000-999
(VDC)
5
12
(mA)
245
120
(WATTS)
1.23
1.44
(RPM)
4300
4300
(CFM)
11.0
11.0
(Inch-H2O)
0.11
0.11
(dBA)
26.0
26.0
(g)
21
20
Bearing
Sleeve
* If you need special specification. Please contact Sunon sales.
* Specifications are subject to change without notice. Specifications in this catalog are for reference. More Sunon products information please
visit SUNON web site at http://www.sunon.com.
*2010 / 05 / 31


Similar Part No. - MEC0254V2-0000-A99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MEC0381V1-000U-A99 ETC-MEC0381V1-000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
MEC0381V2-000U-A99 ETC-MEC0381V2-000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
MEC0381V3-000U-A99 ETC-MEC0381V3-000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
MEC0382V1-000U-A99 ETC-MEC0382V1-000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
MEC0382V2-000U-A99 ETC-MEC0382V2-000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
More results

Similar Description - MEC0254V2-0000-A99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF20100V1-1000U-A99 ETC-MF20100V1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
KDE0504PKV1 ETC-KDE0504PKV1 Datasheet
145Kb / 3P
   MagLev Motor Fan
logo
Sunon Fans
PM06PTVX-A SUNON-PM06PTVX-A Datasheet
609Kb / 9P
   MagLev Motor Fan
07. 01. 2013
logo
List of Unclassifed Man...
MA1082-HVLGN ETC-MA1082-HVLGN Datasheet
116Kb / 2P
   MagLev Motor AC Fan 40-41 CFM
logo
Panasonic Semiconductor
AN8267S PANASONIC-AN8267S Datasheet
53Kb / 5P
   Fan Motor Driver
logo
ON Semiconductor
LB11852FV ONSEMI-LB11852FV Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
LB11988V ONSEMI-LB11988V Datasheet
89Kb / 6P
   Fan Motor Driver
May, 2013
LA6587FA ONSEMI-LA6587FA Datasheet
81Kb / 5P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
75Kb / 8P
   Fan Motor Driver
LB11988H SANYO-LB11988H Datasheet
78Kb / 8P
   Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com