Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MEC0254V2-0000-A99 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MEC0254V2-0000-A99
Description  DR MagLev motor fan
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MEC0254V2-0000-A99 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MEC0254V2-0000-A99 Datasheet HTML 1Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 2Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 3Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 4Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 5Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 6Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 7Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 8Page - List of Unclassifed Manufacturers MEC0254V2-0000-A99 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
New Model Numbering System
Function Code
999: standard model
A99: AutoRestart
C99: F type (3rd wire)
D99: with PWM
F99: AutoRestart and R type(3rd wire)
G99: AutoRestart and F type(3rd wire)
H99: AutoRestart and with PWM
Q
99: AutoRestart , R type and with PWM
S99: AutoRestart , F type and with PWM
Customer Code
0000
stand for standard model
Speed
X:Super High
1
: High
2
: Medium
3
: Low
4
: Super Low
Bearing
V: Vapo
B: 2 Ball
S: Sleeve
Voltage
0
: 5VDC
1
: 12VDC
2
: 24VDC
3
: 36VDC
4
: 48VDC
Fan Thickness
0~9; A~Z (except O)
Frame Size
0~9; A~Z (except O)
Series Code
E Series
M Series
Motor Type
P Series
-
M
999
80
E
25
1
V
1
0000
Code Size(mm)
Code Size(mm)
Code Size(mm)
Code Size(mm)
01~09
10~19
20~29
30~39
40~49
50~59
60~69
70~79
80~89
90~99
01~09
10~19
20~29
30~39
40~49
50~59
60~69
70~79
80~89
90~99
A0~A9
B0~B9
C0~C9
D0~D9
E0~E9
F0~F9
G0~G9
H0~H9
I0~I9
J0~J0
100~109
110~119
120~129
130~139
140~149
150~159
160~169
170~179
180~189
190~199
K0~K9
L0~L9
M0~M9
N0~N9
P0~P9
Q0~Q9
R0~R9
S0~S9
T0~T9
U0~U9
200~209
210~219
220~229
230~239
240~249
250~259
260~269
270~279
280~289
290~299
V0~V9
W0~W9
X0~X9
Y0~Y9
Z0~Z9
300~309
310~319
320~329
330~339
340~349
Certification
Safety
* Note: For critical or extreme environments, including non stop operation, please contact Sunon and we will gladly provide
assistance with your product selection to ensure an appropriate cooling product for your application.
* Note: The “Life Expectancy” of the fan has not been evaluated for use in combination with any end application. Therefore,
the Life Expectancy Test Reports(L10 and MTTF Report) that relate to the fan are only for reference.
02


Similar Part No. - MEC0254V2-0000-A99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MEC0381V1-000U-A99 ETC-MEC0381V1-000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
MEC0381V2-000U-A99 ETC-MEC0381V2-000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
MEC0381V3-000U-A99 ETC-MEC0381V3-000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
MEC0382V1-000U-A99 ETC-MEC0382V1-000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
MEC0382V2-000U-A99 ETC-MEC0382V2-000U-A99 Datasheet
8Mb / 89P
   DC Brushless Fan & Blower
More results

Similar Description - MEC0254V2-0000-A99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF20100V1-1000U-A99 ETC-MF20100V1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
KDE0504PKV1 ETC-KDE0504PKV1 Datasheet
145Kb / 3P
   MagLev Motor Fan
logo
Sunon Fans
PM06PTVX-A SUNON-PM06PTVX-A Datasheet
609Kb / 9P
   MagLev Motor Fan
07. 01. 2013
logo
List of Unclassifed Man...
MA1082-HVLGN ETC-MA1082-HVLGN Datasheet
116Kb / 2P
   MagLev Motor AC Fan 40-41 CFM
logo
Panasonic Semiconductor
AN8267S PANASONIC-AN8267S Datasheet
53Kb / 5P
   Fan Motor Driver
logo
ON Semiconductor
LB11852FV ONSEMI-LB11852FV Datasheet
172Kb / 12P
   For Fan Motor
September, 2013
LB11988V ONSEMI-LB11988V Datasheet
89Kb / 6P
   Fan Motor Driver
May, 2013
LA6587FA ONSEMI-LA6587FA Datasheet
81Kb / 5P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
75Kb / 8P
   Fan Motor Driver
LB11988H SANYO-LB11988H Datasheet
78Kb / 8P
   Fan Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com