Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJFTV21RABZ10100BTX Datasheet(PDF) 1 Page - Amphenol Corporation

Part # RJFTV21RABZ10100BTX
Description  &UIFSOFU$POOFDUJPO4ZTUFNGPS)BSTI&OWJSPONFOU
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RJFTV21RABZ10100BTX Datasheet(HTML) 1 Page - Amphenol Corporation

  RJFTV21RABZ10100BTX Datasheet HTML 1Page - Amphenol Corporation RJFTV21RABZ10100BTX Datasheet HTML 2Page - Amphenol Corporation RJFTV21RABZ10100BTX Datasheet HTML 3Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
informations & contacts:
14
RJF TV
22
6:
Plug with Plastic gland
6M:
Plug with Metal gland
2:
Square Flange Receptacle
2PE:
Square Flange Receptacle, IP68 backshell, Plastic gland
2PEM:
Square Flange Receptacle, IP68 backshell, Metal gland
7:
Jam Nut Receptacle
7PE:
Jam Nut Receptacle, IP68 backshell, Plastic gland
7PEM:
Jam Nut Receptacle, IP68 backshell, Metal gland
2SA, 7SA:
Transversally sealed receptacle (unmated) see page 22
(Receptacles only)
1:
Female RJ45
1RA:
Right Angle Female RJ45
2:
RJ45 Cordset
Aluminium shell - nickel plating (receptacle inserts are metallized) - ROHS compliant
Aluminium shell - olive drab cadmium plating (receptacle inserts are metallized)
BZ:
Marine bronze shell (receptacle inserts are metallized) - ROHS compliant
(type 2 back termination only)
0.3m [11.81 inches]
0.5m 19.68 inches]
1m [39.37 inches]
1.5m [59.05 inches]
00:
8 tinned holes at the rear of the PCB to solder the cable
Examples:
- Olive Drab Cadmium plug with plastic gland: RJF TV 6G
- Olive Drab Cadmium Jam Nut Receptacle, female RJ45 back termination: RJF TV 71G
- Nickel Jam Nut Receptacle, 1,5 m 100 BTX cordset back termination: RJF TV 72N 15 100BTX
- Olive Drab Cadmium in line Square Flange Recept., 0,3 m 100 BTX cordset back termination: RJF TV 2PE 2 G 03 100BTX
- Nickel Jam Nut Receptacle Solder termination 8 tinned holes: RJF TV 22 N 00
RJFTV allows you to use an Ethernet Class D / Cat. 5e connection for 10 BaseT,
100 BaseTx or 1000 BaseT networks in harsh environments.
With the patented RJStop system you can use a standard RJ45 cordset in a
metallic plug which will protect it from shocks, dust and fluids.
MAIN CHARACTERISTICS
n Sealed against fluids and dusts (IP68)
n Shock, Vibration and Traction resistant
n No cabling operation in field and no tools required
n Mechanical Coding / Polarization (4 positions)
n Improved EMI protection
n
n
n RJ45 cordset retention in the plug: 100 N in the axis
n Mating cycles: 500 min
n Compatible with cable diameter from 5,5 mm [0.216 in] to 13 mm [0.512 in]
Environmental Protection
n Sealing: IP68
n Salt Spray:
48 h with Aluminium shell - Nickel plating
> 500 h with Aluminium shell - Olive Dran Cadmium plating
1000h with Marine bronze shell
n Fire Retardant / Low Smoke: UL94 V0 and NF F 16 101 & 16 102
n Vibrations: 10 – 500 Hz, 10 g, 3 axes: no discontinuity > 10 nano s.
n Compounded versions tested per NAS 1599 (5-3000 Hz, 20g, 12h)
n Shocks: IK06: weight of 250 g drop from 40 cm [15.75 in] onto connectors (mated pair)
n Humidity: 21 days, 43°C, 98% humidity
n Thermal Shock: 5 cycles at - 40°C / +100°C
n Temperature Range: - 40°C / +85°C
Data Transmission
10 BaseT, 100 BaseTX and 1000 BaseT networks
Cat 5e per TIA/EIA 568B and ClassD per ISO/IEC
11801
Applications
n Data Acquisition and Transmission in harsh
environment
n Railways
n Radars
n Shelters
n Battlefield Communication
n Systems
n Navy
ROHS
N & BZ
100 BTX = 568B (Ethernet specification)


Similar Part No. - RJFTV21RABZ10100BTX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJFTV2PEM1G AMPHENOL-RJFTV2PEM1G Datasheet
356Kb / 4P
Ethernet ConnectionSystem for Harsh Environment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com