Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS441165 Datasheet(PDF) 1 Page - Littelfuse

Part # TS441165
Description  Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TS441165 Datasheet(HTML) 1 Page - Littelfuse

  TS441165 Datasheet HTML 1Page - Littelfuse TS441165 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062216
Time Delay Relays
Dedicated - Delay-on-Make, Normally Closed
www.littelfuse.com/ts441165
TS441165
Description
The TS441165 is an analog delay-on-make timer with a normally
closed solid-state output. Unlike an interval timer, the load is
energized prior to and during the time delay period. It can be
used as a faster starting interval time delay when S1 is closed
upon application of input voltage.
Operation (Delay-on-Make NC)
Upon application of input voltage, the load is energized
immediately. When the initiate switch is closed, the time delay
begins. At the end of the time delay, the load de-energizes.
Reset: When the initiate switch is reopened, the load again
energizes and the time delay is reset. Removing input voltage
resets the time delay and output.
Features & Benefits
FEATURES
BENEFITS
Analog circuitry
Repeat Accuracy + / - 2%
Compact, low
cost design
Allows flexiblility for OEM applications
1A steady, 10A inrush
solid-state output
Provides 100 million operations in typical conditions.
Load energized prior to
and during time delay
Faster operation
Totally solid state and
encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
Normally closed output
Can be used as a faster starting interval time delay
Accessories
P1004-XX, P1004-XX-X Versa-Pot
Panel mountable, industrial potentiometer
recommended for remote time delay adjustment.
P1023-6 Mounting bracket
The 90° orientation of mounting slots makes
installation/removal of modules quick and easy.
P0700-7 Versa-Knob
Designed for 0.25 in (6.35 mm) shaft of
Versa-Pot. Semi-gloss industrial black finish.
P1015-64 (AWG 14/16)
Female Quick Connect
These 0.25 in. (6.35 mm) female terminals are
constructed with an insulator barrel to provide
strain relief.
P1015-18 Quick Connect to Screw Adapter
Screw adapter terminal designed for use with
all modules with 0.25 in. (6.35 mm) male quick
connect terminals.
Wiring Diagram
L1
N/L2
V = Voltage
S1 = Initiate Switch
L = Load
RT is used when external
adjustment is ordered.


Similar Part No. - TS441165

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4405P TSC-TS4405P Datasheet
149Kb / 3P
Single P-Channel 1.8V Specified MicroSURF?
logo
STMicroelectronics
TS4431 STMICROELECTRONICS-TS4431 Datasheet
162Kb / 8P
1.224V Open Collector Shunt Voltage Reference
TS4431AILT STMICROELECTRONICS-TS4431AILT Datasheet
162Kb / 8P
1.224V Open Collector Shunt Voltage Reference
TS4431ILT STMICROELECTRONICS-TS4431ILT Datasheet
162Kb / 8P
1.224V Open Collector Shunt Voltage Reference
TS4436 STMICROELECTRONICS-TS4436 Datasheet
96Kb / 8P
Adjustable 0.6V Open Collector Shunt Voltage Reference
More results

Similar Description - TS441165

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TDM120AL LITTELFUSE-TDM120AL Datasheet
323Kb / 2P
Time Delay Relays DELAY-ON-MAKE
1-B-030121
KRDM LITTELFUSE-KRDM Datasheet
609Kb / 2P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KSPS LITTELFUSE-KSPS Datasheet
531Kb / 3P
Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TH1 LITTELFUSE-TH1 Datasheet
437Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
THDB LITTELFUSE-THDB Datasheet
403Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TMV8000 LITTELFUSE-TMV8000 Datasheet
565Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-B-100416
TRB LITTELFUSE-TRB Datasheet
355Kb / 2P
Time Delay Relays / DEDICATED - DELAY-ON-BREAK
2021 Rev: 1-B-030121
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
TS1 LITTELFUSE-TS1 Datasheet
574Kb / 2P
Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com