Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS441165 Datasheet(PDF) 2 Page - Littelfuse

Part # TS441165
Description  Time Delay Relays / Dedicated - Delay-on-Make, Normally Closed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TS441165 Datasheet(HTML) 2 Page - Littelfuse

  TS441165 Datasheet HTML 1Page - Littelfuse TS441165 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062216
Time Delay Relays
Dedicated - Delay-on-Make, Normally Closed
www.littelfuse.com/ts441165
Accessories
C103PM (AL) DIN Rail
35 mm aluminum DIN rail available in a 36 in.
(91.4 cm) length.
P1023-20 DIN Rail Adapter
Allows module to be mounted on a 35 mm DIN
type rail with two #10 screws.
VTP(X)(X) Plug-on Adjustment Module
Mounts on modules with in-line adjustment
terminals. Rated at 0.25W at 55°C. Available in
resistance values from 5KΩ to 5MΩ.
Selection Table for VTP Plug-on Adjustment Accessory
Time Delay
VTP P/N
1 - 0.05-3s
2 - 0.5-60s
3 - 2-180s
4 - 5-600s
VTP4B
VTP4F
VTP4J
VTP5N
Selection Guide
Function Diagram
DELAY-ON-MAKE (NORMALLY CLOSED)
TS441165
Specifications
Time Delay
Type
Analog circuitry
Range
165s
Adjustment
Fixed
Repeat Accuracy
±2% or 20ms, whichever is greater; under
fixed conditions
Tolerance
(Factory Calibration)
≤ ±10%
Time Delay vs Temp.
& Voltage
≤ ±10%
Recycle Time
≤ 150ms
Input
Voltage
120VAC
Tolerance
±20%
AC Line Frequency
50/60 Hz
Output
Type
Solid state
Form
NC, closed during timing
Maximum Load Current
1A steady state, 10A inrush at 60°C
Voltage Drop
≅ 2.5V @ 1A
Protection
Circuitry
Encapsulated
Dielectric Breakdown
≥ 2000V RMS terminals to mounting surface
Insulation Resistance
≥ 100 MΩ
Mechanical
Mounting
Surface mount with one #10 (M5 x 0.8) screw
Dimensions
H 50.8 mm (2.0”); W 50.8 mm (2.0”);
D 30.7 mm (1.21”)
Termination
0.25 in. (6.35 mm) male quick connect terminals
Environmental
Operating/Storage
Temperature
-40° to 75°C / -40° to 85°C
Humidity
95% relative, non-condensing
Weight
≅ 2.4 oz (68 g)
V = Voltage
S1 =Initiate Switch
L = Load
TD =Time Delay
R = Reset
= Undefined
Time


Similar Part No. - TS441165

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4405P TSC-TS4405P Datasheet
149Kb / 3P
   Single P-Channel 1.8V Specified MicroSURF?
logo
STMicroelectronics
TS4431 STMICROELECTRONICS-TS4431 Datasheet
162Kb / 8P
   1.224V Open Collector Shunt Voltage Reference
TS4431AILT STMICROELECTRONICS-TS4431AILT Datasheet
162Kb / 8P
   1.224V Open Collector Shunt Voltage Reference
TS4431ILT STMICROELECTRONICS-TS4431ILT Datasheet
162Kb / 8P
   1.224V Open Collector Shunt Voltage Reference
TS4436 STMICROELECTRONICS-TS4436 Datasheet
96Kb / 8P
   Adjustable 0.6V Open Collector Shunt Voltage Reference
More results

Similar Description - TS441165

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMV8000 LITTELFUSE-TMV8000 Datasheet
565Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-B-100416
TH1 LITTELFUSE-TH1 Datasheet
437Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
TS1 LITTELFUSE-TS1 Datasheet
574Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Make
2016 Rev: 1-A-062116
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
   Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
TDM120AL LITTELFUSE-TDM120AL Datasheet
323Kb / 2P
   Time Delay Relays DELAY-ON-MAKE
1-B-030121
TSDB LITTELFUSE-TSDB Datasheet
514Kb / 2P
   Time Delay Relays - Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
TRB LITTELFUSE-TRB Datasheet
355Kb / 2P
   Time Delay Relays / DEDICATED - DELAY-ON-BREAK
2021 Rev: 1-B-030121
THDB LITTELFUSE-THDB Datasheet
403Kb / 2P
   Time Delay Relays / Dedicated - Delay-on-Break
2016 Rev: 1-A-062216
KSPS LITTELFUSE-KSPS Datasheet
531Kb / 3P
   Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
KRDM LITTELFUSE-KRDM Datasheet
609Kb / 2P
   Dedicated - Delay-on-Make
2016 Rev: 1-A-062216
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com