Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1060630 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1060630
Description  Web panel - BWP 2102W
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1060630 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1060630 Datasheet HTML 1Page - PHOENIX CONTACT 1060630 Datasheet HTML 2Page - PHOENIX CONTACT 1060630 Datasheet HTML 3Page - PHOENIX CONTACT 1060630 Datasheet HTML 4Page - PHOENIX CONTACT 1060630 Datasheet HTML 5Page - PHOENIX CONTACT 1060630 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Web panel with 25.9 cm / 10.2" TFT-display (analog resistive (polyester)), 1024 x 600 pixel(s)
(WSVGA), 16.7 million colors, i.MX 6DualLite, 454 MHz, 1x USB Host 2.0, 1 x Ethernet (10/100
Mbps), RJ45, Yocto/Linux and user software: QT browser. (bus system: without)
Commercial Data
Item number
1060630
Packing unit
1 pc
Sales Key
D16
Product Key
DRCEBF
Catalog Page
Page 468 (C-6-2019)
GTIN
4055626711645
Weight per Piece (including packing)
1,202.4 g
Weight per Piece (excluding packing)
1,202.4 g
Customs tariff number
84715000
Country of origin
IN
Web panel - BWP 2102W
1060630
https://www.phoenixcontact.com/us/products/1060630
Dec 2, 2022, 5:02 AM
Page 1 (6)


Similar Part No. - 1060630

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1060630060 MOLEX-1060630060 Datasheet
40Kb / 1P
   SC Connector, Multimode, 127關m Ceramic PC Ferrule, 3.00mm Simplex Cable, Beige Housing, Beige Boot
More results

Similar Description - 1060630

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1060632 PHOENIX-1060632 Datasheet
221Kb / 6P
   Web panel - BWP 2070W
Dec 2, 2022
1060549 PHOENIX-1060549 Datasheet
222Kb / 6P
   Web panel - BWP 2043W
Dec 2, 2022
1046667 PHOENIX-1046667 Datasheet
76Kb / 5P
   Touch panel - BTP 2102W
09/11/2020
logo
WAGO Kontakttechnik Gmb...
762-1104 WAGO-762-1104 Datasheet
233Kb / 4P
   Web Panel; 26.4 cm (10.4
logo
PHOENIX CONTACT
1290800 PHOENIX-1290800 Datasheet
282Kb / 9P
   Web panel - WP 6070-WVPS
Nov 16, 2022
1290803 PHOENIX-1290803 Datasheet
282Kb / 9P
   Web panel - WP 6156-WHPS
Nov 16, 2022
1290807 PHOENIX-1290807 Datasheet
282Kb / 9P
   Web panel - WP 6185-WHPS
Nov 16, 2022
1290809 PHOENIX-1290809 Datasheet
282Kb / 9P
   Web panel - WP 6215-WHPS
Nov 16, 2022
1290801 PHOENIX-1290801 Datasheet
283Kb / 9P
   Web panel - WP 6101-WXPS
Nov 16, 2022
1290802 PHOENIX-1290802 Datasheet
283Kb / 9P
   Web panel - WP 6121-WXPS
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com