Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZ16DFT2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NL27WZ16DFT2G
Description  Dual Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ16DFT2G Datasheet(HTML) 1 Page - ON Semiconductor

  NL27WZ16DFT2G Datasheet HTML 1Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 2Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 3Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 4Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 5Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 6Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 7Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 8Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2012
March, 2022 − Rev. 12
1
Publication Order Number:
NL27WZ16/D
Dual Buffer
NL27WZ16
The NL27WZ16 is a high performance dual buffer operating from a
1.65 V to 5.5 V Supply.
Features
• Designed for 1.65 V to 5.5 V VCC Operation
• 2.4 ns tPD at VCC = 5 V (Typ)
• Inputs/Outputs Overvoltage Tolerant up to 5.5 V
• IOFF Supports Partial Power Down Protection
• Sink 32 mA at 4.5 V
• Available in SC−88, SC−74, TSOP−6 and UDFN6 Packages
• Chip Complexity < 100 FETs
• NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
A2
Y2
Figure 1. Logic Symbol
Y1
A1
1
1
MARKING
DIAGRAMS
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)
*Date Code orientation and/or position may vary
depending upon manufacturing location.
SC−88
DF SUFFIX
CASE 419B−02
XXXMG
G
1
6
X, XXX = Specific Device Code
M
= Date Code*
G
= Pb−Free Package
SC−74
CASE 318F−05
XXX MG
G
1
X M
1
UDFN6
1x1, 0.35P
CASE 517BX
UDFN6
1.45x1.0, 0.5P
CASE 517AQ
XM
UDFN6
1.2x1.0, 0.4P
CASE 517AA
X M
1
TSOP−6
CASE 318G−02
XXX MG
G
1


Similar Part No. - NL27WZ16DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ16DFT2G ONSEMI-NL27WZ16DFT2G Datasheet
76Kb / 6P
   Dual Buffer
February, 2007 ??Rev. 5
NL27WZ16DFT2G ONSEMI-NL27WZ16DFT2G Datasheet
116Kb / 6P
   Dual Buffer
May, 2012 ??Rev. 9
More results

Similar Description - NL27WZ16DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16 Datasheet
92Kb / 7P
   Dual Buffer
March, 2008 - Rev. 0
logo
Diodes Incorporated
74LVC2G34 DIODES-74LVC2G34 Datasheet
245Kb / 10P
   DUAL BUFFER
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_15 Datasheet
156Kb / 7P
   Dual Buffer
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16_16 Datasheet
77Kb / 7P
   Dual Buffer
June, 2016 ??Rev. 7
NL27WZ16 ONSEMI-NL27WZ16 Datasheet
59Kb / 6P
   Dual Buffer
March, 2004 ??Rev. 2
NL27WZ16 ONSEMI-NL27WZ16_07 Datasheet
76Kb / 6P
   Dual Buffer
February, 2007 ??Rev. 5
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A Datasheet
74Kb / 9P
   DUAL BUFFER
logo
ON Semiconductor
NL27WZ16 ONSEMI-NL27WZ16_12 Datasheet
116Kb / 6P
   Dual Buffer
May, 2012 ??Rev. 9
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_06 Datasheet
85Kb / 6P
   Dual Buffer
logo
Toshiba Semiconductor
TC7WT125FU TOSHIBA-TC7WT125FU Datasheet
178Kb / 4P
   DUAL BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com