Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZ16DFT2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NL27WZ16DFT2G
Description  Dual Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ16DFT2G Datasheet(HTML) 5 Page - ON Semiconductor

  NL27WZ16DFT2G Datasheet HTML 1Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 2Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 3Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 4Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 5Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 6Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 7Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 8Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NL27WZ16
www.onsemi.com
5
Figure 3. Test Circuit
CL includes probe and jig capacitance
RT is ZOUT of pulse generator (typically 50 W)
f = 1 MHz
R1
OUTPUT
RT
2 x VCC
DUT
GND
OPEN
CL*
RL
Test
Switch
Position
CL, pF
RL, W R1, W
tPLH / tPHL
Open
See AC Characteristics Table
tPLZ / tPZL
2 x VCC
50
500
500
tPHZ / tPZH
GND
50
500
500
X = Don’t Care
tr = 3 ns
tPZH
tPHZ
tPZL
tPLZ
Vmo
Vmo
Vmi
Figure 4. Switching Waveforms
90%
10%
90%
10%
INPUT
OUTPUT
OUTPUT
~0 V
INPUT
OUTPUT
OUTPUT
tf = 3 ns
VCC
GND
VOH
VOL
VOH
VOL
Vmo
Vmo
Vmi
tPHL
tPLH
tPLH
tPHL
Vmo
Vmo
Vmi
Vmi
VCC
GND
VOL
VOH
VOH − VY
VOL + VY
~VCC
VCC, V
Vmi, V
Vmo, V
VY, V
tPLH, tPHL
tPZL, tPLZ, tPZH, tPHZ
1.65 to 1.95
VCC/2
VCC/2
VCC / 2
0.15
2.3 to 2.7
VCC/2
VCC/2
VCC / 2
0.15
3.0 to 3.6
VCC/2
VCC/2
VCC / 2
0.3
4.5 to 5.5
VCC/2
VCC/2
VCC / 2
0.3


Similar Part No. - NL27WZ16DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ16DFT2G ONSEMI-NL27WZ16DFT2G Datasheet
76Kb / 6P
   Dual Buffer
February, 2007 ??Rev. 5
NL27WZ16DFT2G ONSEMI-NL27WZ16DFT2G Datasheet
116Kb / 6P
   Dual Buffer
May, 2012 ??Rev. 9
More results

Similar Description - NL27WZ16DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16 Datasheet
92Kb / 7P
   Dual Buffer
March, 2008 - Rev. 0
logo
Diodes Incorporated
74LVC2G34 DIODES-74LVC2G34 Datasheet
245Kb / 10P
   DUAL BUFFER
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_15 Datasheet
156Kb / 7P
   Dual Buffer
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16_16 Datasheet
77Kb / 7P
   Dual Buffer
June, 2016 ??Rev. 7
NL27WZ16 ONSEMI-NL27WZ16 Datasheet
59Kb / 6P
   Dual Buffer
March, 2004 ??Rev. 2
NL27WZ16 ONSEMI-NL27WZ16_07 Datasheet
76Kb / 6P
   Dual Buffer
February, 2007 ??Rev. 5
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A Datasheet
74Kb / 9P
   DUAL BUFFER
logo
ON Semiconductor
NL27WZ16 ONSEMI-NL27WZ16_12 Datasheet
116Kb / 6P
   Dual Buffer
May, 2012 ??Rev. 9
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_06 Datasheet
85Kb / 6P
   Dual Buffer
logo
Toshiba Semiconductor
TC7WT125FU TOSHIBA-TC7WT125FU Datasheet
178Kb / 4P
   DUAL BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com