Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZ16DFT2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NL27WZ16DFT2G
Description  Dual Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ16DFT2G Datasheet(HTML) 4 Page - ON Semiconductor

  NL27WZ16DFT2G Datasheet HTML 1Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 2Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 3Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 4Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 5Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 6Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 7Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 8Page - ON Semiconductor NL27WZ16DFT2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NL27WZ16
www.onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
VCC
(V)
TA = 255C
−555C 3 TA 3 1255C
Units
Min
Typ
Max
Min
Max
VIH
High−Level Input
Voltage (NLV)
1.65 to 1.95 0.75 x VCC
0.75 x VCC
V
2.3 to 5.5
0.70 x VCC
0.70 x VCC
High−Level Input
Voltage
1.65 to 1.95 0.65 x VCC
0.65 x VCC
V
2.3 to 5.5
0.70 x VCC
0.70 x VCC
VIL
Low−Level Input
Voltage (NLV)
1.65 to 1.95
0.25 x VCC
0.25 x VCC
V
2.3 to 5.5
0.30 x VCC
0.30 x VCC
Low−Level Input
Voltage
1.65 to 1.95
0.35 x VCC
0.35 x VCC
V
2.3 to 5.5
0.30 x VCC
0.30 x VCC
VOH
High−Level Output
Voltage
VIN = VIH or VIL
IOH = −100 mA
IOH = −4 mA
IOH = −8 mA
IOH = −12 mA
IOH = −16 mA
IOH = −24 mA
IOH = −32 mA
1.65 to 5.5
1.65
2.3
2.7
3.0
3.0
4.5
VCC − 0.1
1.29
1.9
2.2
2.4
2.3
3.8
VCC
1.4
2.1
2.4
2.7
2.5
4.0
VCC − 0.1
1.29
1.9
2.2
2.4
2.3
3.8
V
VOL
Low−Level Output
Voltage
VIN = VIH or VIL
IOL = 100 mA
IOL = 4 mA
IOL = 8 mA
IOL = 12 mA
IOL = 16 mA
IOL = 24 mA
IOL = 32 mA
1.65 to 5.5
1.65
2.3
2.7
3.0
3.0
4.5
0.08
0.2
0.22
0.28
0.38
0.42
0.1
0.24
0.3
0.4
0.4
0.55
0.55
0.1
0.24
0.3
0.4
0.4
0.55
0.55
V
IIN
Input Leakage Current
VIN = 5.5 V or GND
1.65 to 5.5
±0.1
±1.0
mA
IOFF
Power Off Leakage
Current
VIN = 5.5 V or
VOUT = 5.5 V
0
1.0
10
mA
ICC
Quiescent Supply
Current
VIN = VCC or GND
5.5
1.0
10
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
VCC (V)
TA = 25°C
−40°C 3 TA 3 85°C −55°C 3 TA 3 125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPLH,
tPHL
Propagation
Delay, A to Y
(Figures 3 and 4)
RL = 1 MW,
CL = 15 pF
1.65 to 1.95
8.0
9.6
10.2
10.2
ns
RL = 1 MW,
CL = 15 pF
2.3 to 2.7
3.0
5.2
5.8
5.8
3.0 to 3.6
2.3
3.6
4.0
4.0
4.5 to 5.5
1.8
2.9
3.2
3.2
RL = 500 W,
CL = 50 pF
3.0 to 3.6
3.0
4.6
5.1
5.1
4.5 to 5.5
2.4
3.8
4.2
4.2
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
2.5
pF
COUT
Output Capacitance
VCC = 5.5 V, VI = 0 V or VCC
4.0
pF
CPD
Power Dissipation Capacitance (Note 5)
10 MHz, VCC = 3.3 V, VIN = 0 V or VCC
10 MHz, VCC = 5.0 V, VIN = 0 V or VCC
11
12.5
pF
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD · VCC · fin ) ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD · VCC2 · fin ) ICC · VCC.


Similar Part No. - NL27WZ16DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ16DFT2G ONSEMI-NL27WZ16DFT2G Datasheet
76Kb / 6P
   Dual Buffer
February, 2007 ??Rev. 5
NL27WZ16DFT2G ONSEMI-NL27WZ16DFT2G Datasheet
116Kb / 6P
   Dual Buffer
May, 2012 ??Rev. 9
More results

Similar Description - NL27WZ16DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16 Datasheet
92Kb / 7P
   Dual Buffer
March, 2008 - Rev. 0
logo
Diodes Incorporated
74LVC2G34 DIODES-74LVC2G34 Datasheet
245Kb / 10P
   DUAL BUFFER
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_15 Datasheet
156Kb / 7P
   Dual Buffer
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16_16 Datasheet
77Kb / 7P
   Dual Buffer
June, 2016 ??Rev. 7
NL27WZ16 ONSEMI-NL27WZ16 Datasheet
59Kb / 6P
   Dual Buffer
March, 2004 ??Rev. 2
NL27WZ16 ONSEMI-NL27WZ16_07 Datasheet
76Kb / 6P
   Dual Buffer
February, 2007 ??Rev. 5
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A Datasheet
74Kb / 9P
   DUAL BUFFER
logo
ON Semiconductor
NL27WZ16 ONSEMI-NL27WZ16_12 Datasheet
116Kb / 6P
   Dual Buffer
May, 2012 ??Rev. 9
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_06 Datasheet
85Kb / 6P
   Dual Buffer
logo
Toshiba Semiconductor
TC7WT125FU TOSHIBA-TC7WT125FU Datasheet
178Kb / 4P
   DUAL BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com