Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQHV12-01ETG Datasheet(PDF) 1 Page - Littelfuse

Part # AQHV12-01ETG
Description  AQHVxx-01ETG series 200W Unidirectional TVS Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

AQHV12-01ETG Datasheet(HTML) 1 Page - Littelfuse

  AQHV12-01ETG Datasheet HTML 1Page - Littelfuse AQHV12-01ETG Datasheet HTML 2Page - Littelfuse AQHV12-01ETG Datasheet HTML 3Page - Littelfuse AQHV12-01ETG Datasheet HTML 4Page - Littelfuse AQHV12-01ETG Datasheet HTML 5Page - Littelfuse AQHV12-01ETG Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Purpose ESD Protection - AQHVxx-01ETG series
TVS Diode Array (SPA® Diodes)
©2018 Littelfuse, Inc.
Specifications are subject to change without notice.
Revision: 10/15/18
Description
Applications
The AQHVxx-01ETG series is designed to provide an
option for very fast acting, high performance over-voltage
protection components. This series is ideally suited for
suited for power interfaces, passenger charging interfaces,
and well as LED lighting modules, and low speed I/Os.
It will protect sensitive equipment from damage due
to electrostatic discharge (ESD) and other overvoltage
transients.
The AQHVxx-01ETG series can safely absorb repetitive
ESD strikes above the maximum level of the IEC 61000-4-
2 international standard (Level 4, ±8kV contact discharge)
without performance degradation and safely conduct up to
8A (AQHV12) of induced surge current (IEC 61000-4-5 2nd
edition, t
P=8/20μs) with very low clamping voltages.
Features
• ESD, IEC 61000-4-2,
±30kV contact, ±30kV air
• EFT, IEC 61000-4-4, 40A
(5/50ns)
• Lightning, 8A (8/20 as
defined in IEC 61000-4-5
2nd edition) for AQHV12
• Low clamping voltage
• PPAP capable
• Low leakage current
• Small SOD882 packaging
helps save board space
• AEC-Q101 qualified
• Moisture Sensitivity
Level(MSL -1)
• Halogen free, lead free
and RoHS compliant
• LED Lighting Modules
• Portable Instrumentation
• General Purpose I/O
• RS232 / RS485
• CAN and LIN Bus
• Automotive application
RoHS Pb GREEN
AQHVxx-01ETG series 200W Unidirectional TVS Diode
Pinout
Functional Block Diagram
1
2
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.
1
2


Similar Part No. - AQHV12-01ETG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQHV12-01ETG-C LITTELFUSE-AQHV12-01ETG-C Datasheet
812Kb / 6P
   General Purpose ESD Protection
2021 Littelfuse, Inc
More results

Similar Description - AQHV12-01ETG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQHVXX-01LTG LITTELFUSE-AQHVXX-01LTG Datasheet
1Mb / 7P
   AQHVxx-01LTG Series 250W Discrete Unidirectional TVS Diode
2018 Littelfuse, Inc
SPHV LITTELFUSE-SPHV Datasheet
987Kb / 6P
   200W Discrete Unidirectional TVS Diode
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
   UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
   UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
   UNIDIRECTIONAL TVS DIODE
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
   Unidirectional TVS Diode
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
   UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
logo
Yea Shin Technology Co....
YSESD3Z36T1G YEASHIN-YSESD3Z36T1G Datasheet
1Mb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA15T1 LEIDITECH-SDA15T1 Datasheet
304Kb / 3P
   UNIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com