Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQHV12-01ETG Datasheet(PDF) 5 Page - Littelfuse

Part # AQHV12-01ETG
Description  AQHVxx-01ETG series 200W Unidirectional TVS Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

AQHV12-01ETG Datasheet(HTML) 5 Page - Littelfuse

  AQHV12-01ETG Datasheet HTML 1Page - Littelfuse AQHV12-01ETG Datasheet HTML 2Page - Littelfuse AQHV12-01ETG Datasheet HTML 3Page - Littelfuse AQHV12-01ETG Datasheet HTML 4Page - Littelfuse AQHV12-01ETG Datasheet HTML 5Page - Littelfuse AQHV12-01ETG Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
General Purpose ESD Protection - AQHVxx-01ETG series
TVS Diode Array (SPA® Diodes)
©2018 Littelfuse, Inc.
Specifications are subject to change without notice.
Revision: 10/15/18
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do
Critical Zone
TL to TP
Critical Zone
TL to TP
Reflow Condition
Pb – Free assembly
Pre Heat
- Temperature Min (T
s(min))
150°C
- Temperature Max (T
s(max))
200°C
- Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (Liquidus) Temp (T
L)
to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
Reflow
- Temperature (T
L) (Liquidus)
217°C
- Temperature (t
L)
60 – 150 seconds
Peak Temperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peak Temperature (T
P)
8 minutes Max.
Do not exceed
260°C
Soldering Parameters
Ordering Information
Part Number
Package
Min. Order Qty.
AQHV12-01ETG
SOD882
10000
AQHV15-01ETG
AQHV24-01ETG
AQHV36-01ETG
Part Numbering System
Part Marking System
AQHV ** 01
T G
Voltage
Number of
Channels
Package
T= Tape & Reel
G= Green
TVS Diode Arrays
(SPA® Automotive
Grade Diodes)
E: SOD882
E
C
Bidirectional
U*
2: SPHV12
5: SPHV15
4: SPHV24
6: SPHV36
12
2: AQHV12
5: AQHV15
4: AQHV24
6: AQHV36
Product Characteristics
Lead Plating
Pre-Plated Frame
Lead Material
Copper Alloy
Substrate material
Silicon
Body Material
Molded Compound
Flammability
UL Recognized compound meeting
flammability rating V-0


Similar Part No. - AQHV12-01ETG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQHV12-01ETG-C LITTELFUSE-AQHV12-01ETG-C Datasheet
812Kb / 6P
   General Purpose ESD Protection
2021 Littelfuse, Inc
More results

Similar Description - AQHV12-01ETG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQHVXX-01LTG LITTELFUSE-AQHVXX-01LTG Datasheet
1Mb / 7P
   AQHVxx-01LTG Series 250W Discrete Unidirectional TVS Diode
2018 Littelfuse, Inc
SPHV LITTELFUSE-SPHV Datasheet
987Kb / 6P
   200W Discrete Unidirectional TVS Diode
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
   UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
   UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
   UNIDIRECTIONAL TVS DIODE
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
   Unidirectional TVS Diode
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
   UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
logo
Yea Shin Technology Co....
YSESD3Z36T1G YEASHIN-YSESD3Z36T1G Datasheet
1Mb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA15T1 LEIDITECH-SDA15T1 Datasheet
304Kb / 3P
   UNIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com