Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQHV12-01ETG Datasheet(PDF) 3 Page - Littelfuse

Part # AQHV12-01ETG
Description  AQHVxx-01ETG series 200W Unidirectional TVS Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

AQHV12-01ETG Datasheet(HTML) 3 Page - Littelfuse

  AQHV12-01ETG Datasheet HTML 1Page - Littelfuse AQHV12-01ETG Datasheet HTML 2Page - Littelfuse AQHV12-01ETG Datasheet HTML 3Page - Littelfuse AQHV12-01ETG Datasheet HTML 4Page - Littelfuse AQHV12-01ETG Datasheet HTML 5Page - Littelfuse AQHV12-01ETG Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
General Purpose ESD Protection - AQHVxx-01ETG series
TVS Diode Array (SPA® Diodes)
©2018 Littelfuse, Inc.
Specifications are subject to change without notice.
Revision: 10/15/18
AQHV24 Electrical Characteristics (T
OP=25ºC)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reverse Standoff Voltage
V
RWM
I
R≤1μA
24.0
V
Breakdown Voltage
V
BR
I
R=1mA
26.7
V
Leakage Current
I
LEAK
V
R=24V
1.0
μA
Clamp Voltage1
V
C
I
PP=1A, tp=8/20µs, Fwd
36.0
V
I
PP=3A, tp=8/20µs, Fwd
50.0
V
Dynamic Resistance2
R
DYN
TLP, t
p=100ns, I/O to GND
0.56
Peak Pulse Current
I
pp
t
p=8/20µs
3.0
A
ESD Withstand Voltage1
V
ESD
IEC 61000-4-2 (Contact Discharge)
±24
kV
IEC 61000-4-2 (Air Discharge)
±30
kV
Diode Capacitance1
C
I/O-GND
Reverse Bias=0V, f=1MHz
32
pF
AQHV36 Electrical Characteristics (T
OP=25ºC)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reverse Standoff Voltage
V
RWM
I
R≤1μA
36.0
V
Breakdown Voltage
V
BR
I
R=1mA
40.0
V
Leakage Current
I
LEAK
V
R=36V
1.0
μA
Clamp Voltage1
V
C
I
PP=1A, tp=8/20µs, Fwd
52.0
V
I
PP=2A, tp=8/20µs, Fwd
60.0
V
Dynamic Resistance2
R
DYN
TLP, t
p=100ns, I/O to GND
1.28
Peak Pulse Current
I
pp
t
p=8/20µs
2.0
A
ESD Withstand Voltage1
V
ESD
IEC 61000-4-2 (Contact Discharge)
±15
kV
IEC 61000-4-2 (Air Discharge)
±20
kV
Diode Capacitance1
C
I/O-GND
Reverse Bias=0V, f=1MHz
25
pF
Non-Repetitive Peak Pulse Power vs. Pulse Time
Pulse Duration - tp(µs)
0.01
0.1
1
10
0.11
10
100
1000
Power Derating Curve
0
10
20
30
40
50
60
70
80
90
100
110
0255075100
125150
Ambient Temperature - TA (
oC)
Note:
1 Parameter is guaranteed by design and/or component characterization.
2 Transmission Line Pulse (TLP) with 100ns width, 2ns rise time, and average window t1=70ns to t2= 90ns


Similar Part No. - AQHV12-01ETG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQHV12-01ETG-C LITTELFUSE-AQHV12-01ETG-C Datasheet
812Kb / 6P
   General Purpose ESD Protection
2021 Littelfuse, Inc
More results

Similar Description - AQHV12-01ETG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQHVXX-01LTG LITTELFUSE-AQHVXX-01LTG Datasheet
1Mb / 7P
   AQHVxx-01LTG Series 250W Discrete Unidirectional TVS Diode
2018 Littelfuse, Inc
SPHV LITTELFUSE-SPHV Datasheet
987Kb / 6P
   200W Discrete Unidirectional TVS Diode
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
   UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
   UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
   UNIDIRECTIONAL TVS DIODE
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
   Unidirectional TVS Diode
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
   UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
logo
Yea Shin Technology Co....
YSESD3Z36T1G YEASHIN-YSESD3Z36T1G Datasheet
1Mb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA15T1 LEIDITECH-SDA15T1 Datasheet
304Kb / 3P
   UNIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com