Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQHV12-01ETG Datasheet(PDF) 2 Page - Littelfuse

Part # AQHV12-01ETG
Description  AQHVxx-01ETG series 200W Unidirectional TVS Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

AQHV12-01ETG Datasheet(HTML) 2 Page - Littelfuse

  AQHV12-01ETG Datasheet HTML 1Page - Littelfuse AQHV12-01ETG Datasheet HTML 2Page - Littelfuse AQHV12-01ETG Datasheet HTML 3Page - Littelfuse AQHV12-01ETG Datasheet HTML 4Page - Littelfuse AQHV12-01ETG Datasheet HTML 5Page - Littelfuse AQHV12-01ETG Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
General Purpose ESD Protection - AQHVxx-01ETG series
TVS Diode Array (SPA® Diodes)
©2018 Littelfuse, Inc.
Specifications are subject to change without notice.
Revision: 10/15/18
Notes:
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the component. This is a stress only rating and
operation of the component at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
P
pk
Peak Pulse Power (t
p=8/20μs)
200
W
T
OP
Operating Temperature
-40 to 150
°C
T
STOR
Storage Temperature
-55 to 150
°C
AQHV12 Electrical Characteristics (T
OP=25ºC)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reverse Standoff Voltage
V
RWM
I
R≤1μA
12.0
V
Breakdown Voltage
V
BR
I
R=1mA
13.3
V
Leakage Current
I
LEAK
V
R=12V
1.0
μA
Clamp Voltage1
V
C
I
PP=1A, tp=8/20µs, Fwd
19.0
V
I
PP=8A, tP=8/20μs, Fwd
25.0
V
Dynamic Resistance2
R
DYN
TLP, t
p=100ns, I/O to GND
0.37
Peak Pulse Current
I
pp
t
p=8/20µs
8.0
A
ESD Withstand Voltage1
V
ESD
IEC 61000-4-2 (Contact Discharge)
±30
kV
IEC 61000-4-2 (Air Discharge)
±30
kV
Diode Capacitance1
C
D-GND
Reverse Bias=0V, f=1MHz
60
pF
AQHV15 Electrical Characteristics (T
OP=25ºC)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Reverse Standoff Voltage
V
RWM
I
R≤1μA
15.0
V
Breakdown Voltage
V
BR
I
R=1mA
16.7
V
Leakage Current
I
LEAK
V
R=15V
1.0
μA
Clamp Voltage1
V
C
I
PP=1A, tp=8/20µs, Fwd
22.0
V
I
PP=5A, tp=8/20µs, Fwd
28.0
V
Dynamic Resistance2
R
DYN
TLP, t
p=100ns, I/O to GND
0.40
Peak Pulse Current
I
pp
t
p=8/20µs
5.0
A
ESD Withstand Voltage1
V
ESD
IEC 61000-4-2 (Contact Discharge)
±30
kV
IEC 61000-4-2 (Air Discharge)
±30
kV
Diode Capacitance1
C
I/O-GND
Reverse Bias=0V, f=1MHz
46
pF


Similar Part No. - AQHV12-01ETG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQHV12-01ETG-C LITTELFUSE-AQHV12-01ETG-C Datasheet
812Kb / 6P
   General Purpose ESD Protection
2021 Littelfuse, Inc
More results

Similar Description - AQHV12-01ETG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AQHVXX-01LTG LITTELFUSE-AQHVXX-01LTG Datasheet
1Mb / 7P
   AQHVxx-01LTG Series 250W Discrete Unidirectional TVS Diode
2018 Littelfuse, Inc
SPHV LITTELFUSE-SPHV Datasheet
987Kb / 6P
   200W Discrete Unidirectional TVS Diode
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
   UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
   UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
   UNIDIRECTIONAL TVS DIODE
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
   Unidirectional TVS Diode
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
   UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
logo
Yea Shin Technology Co....
YSESD3Z36T1G YEASHIN-YSESD3Z36T1G Datasheet
1Mb / 3P
   UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA15T1 LEIDITECH-SDA15T1 Datasheet
304Kb / 3P
   UNIDIRECTIONAL TVS DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com