Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRF21BE471QB1RA Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # PRF21BE471QB1RA
Description  PTC for Temperature Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

PRF21BE471QB1RA Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  PRF21BE471QB1RA_V01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd PRF21BE471QB1RA_V01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd PRF21BE471QB1RA_V01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
PRF21BE471QB1RA
Note: This datasheet may be out of date.
Please download the latest datasheet of PRF21BE471QB1RA from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=PRF21BE471QB1RA
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated12/06/2022
Specifications
Max. Voltage
32V
Sensing Temperature
85
Sensing Temperature
Tolerance
±5
Measure Condition of
Sensing Temperature
at 4.7k ohm
Resistance (25
℃)
470Ω
Resistance Value Tolerance
(at 25
℃)
±50%
Operating Temperature
Range
-20
℃ to 100℃
Size Code (in mm)
2.0x1.25mm
Size Code (in inch)
0.8x0.5inch
Shape
SMD
Mass
0.011g
MSL
1
2 of 3


Similar Part No. - PRF21BE471QB1RA_V01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRF21BE471QB1RA MURATA1-PRF21BE471QB1RA_V02 Datasheet
483Kb / 3P
PTC Thermistors
02/05/2024
More results

Similar Description - PRF21BE471QB1RA_V01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PRF18AS471QB1RB MURATA1-PRF18AS471QB1RB_V01 Datasheet
441Kb / 3P
PTC for Temperature Sensor
12/06/2022
PRF18BA471QS2RB MURATA1-PRF18BA471QS2RB Datasheet
466Kb / 3P
PTC for Temperature Sensor
12/06/2022
PRF18BB471RS2RB MURATA1-PRF18BB471RS2RB Datasheet
466Kb / 3P
PTC for Temperature Sensor
12/06/2022
PRF18BC471RB1RB MURATA1-PRF18BC471RB1RB Datasheet
440Kb / 3P
PTC for Temperature Sensor
12/06/2022
PRF18BF471QB1RB MURATA1-PRF18BF471QB1RB_V01 Datasheet
441Kb / 3P
PTC for Temperature Sensor
12/06/2022
PRF18BF471QB5RB MURATA1-PRF18BF471QB5RB_V01 Datasheet
445Kb / 3P
PTC for Temperature Sensor
12/06/2022
PRF18BF471QS2RB MURATA1-PRF18BF471QS2RB_V01 Datasheet
466Kb / 3P
PTC for Temperature Sensor
12/06/2022
PTFL04BB222Q2N34B0 MURATA1-PTFL04BB222Q2N34B0_V01 Datasheet
266Kb / 3P
PTC for Temperature Sensor
12/06/2022
PTFM04BC222Q2N34BS MURATA1-PTFM04BC222Q2N34BS_V01 Datasheet
272Kb / 3P
PTC for Temperature Sensor
12/06/2022
PTFM04BF222Q2N34B0 MURATA1-PTFM04BF222Q2N34B0_V01 Datasheet
266Kb / 3P
PTC for Temperature Sensor
12/06/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com