Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2708575 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2708575
Description  FO converters - PSI-MOS-RS422/FO1300 E
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2708575 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2708575 Datasheet HTML 1Page - PHOENIX CONTACT 2708575 Datasheet HTML 2Page - PHOENIX CONTACT 2708575 Datasheet HTML 3Page - PHOENIX CONTACT 2708575 Datasheet HTML 4Page - PHOENIX CONTACT 2708575 Datasheet HTML 5Page - PHOENIX CONTACT 2708575 Datasheet HTML 6Page - PHOENIX CONTACT 2708575 Datasheet HTML 7Page - PHOENIX CONTACT 2708575 Datasheet HTML 8Page - PHOENIX CONTACT 2708575 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Technical Data
Notes
Utilization restriction
EMC note
EMC: class A product, see manufacturer's declaration in the
download area
Utilization restriction
CCCex note
Use in potentially explosive areas is not permitted in China.
Product properties
Product type
Media converter
891 Years (SN 29500 standard, temperature 25°C, operating
cycle 21%)
397 Years (SN 29500 standard, temperature 40°C, operating
cycle 34.25%)
MTTF
164 Years (SN 29500 standard, temperature 40°C, operating
cycle 100%)
544 Years (Telcordia standard, 25°C temperature, 21% operating
cycle (5 days a week, 8 hours a day))
MTBF
113 Years (Telcordia standard, 40°C temperature, 34.25%
operating cycle (5 days a week, 12 hours a day))
Electrical properties
Electrical isolation
VCC // RS-422
Maximum power dissipation for nominal condition
2.75 W
Test voltage data interface/power supply
1.5 kVrms (50 Hz, 1 min.)
Supply
Supply voltage range
18 V DC ... 32 V DC
Nominal supply voltage
24 V DC (in acc. with UL)
Typical current consumption
110 mA (24 V DC)
Max. current consumption
≤ 2 A (For operation in a joining station, via the DIN rail
connector)
Connection method
COMBICON plug-in screw terminal block
Output data
Switching
Output name
Relay output
Output description
Alarm output
Number of outputs
1
60 V DC
Maximum switching voltage
42 V AC
Limiting continuous current
1 A
Connection data
FO converters - PSI-MOS-RS422/FO1300 E
2708575
https://www.phoenixcontact.com/us/products/2708575
Dec 2, 2022, 6:49 AM
Page 2 (25)


Similar Part No. - 2708575

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2708520 PHOENIX-2708520 Datasheet
71Kb / 3P
PSM-KA9SUB9/BB/0,5METER
2708546 PHOENIX-2708546 Datasheet
148Kb / 4P
D-SUB connector - SUBCON 15HD/M
2708559 PHOENIX-2708559 Datasheet
239Kb / 20P
FO converters - PSI-MOS-PROFIB/FO1300 E
09/12/2020
2708562 PHOENIX-2708562 Datasheet
1Mb / 28P
FO converters - PSI-MOS-RS485W2/FO1300 E
Dec 2, 2022
2708588 PHOENIX-2708588 Datasheet
134Kb / 12P
FO converters - PSI-MOS-RS232/FO1300 E
09/12/2020
More results

Similar Description - 2708575

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
101974 PHOENIX-101974 Datasheet
1Mb / 18P
PSI-MOS-RS422/FO
2313999 PHOENIX-2313999 Datasheet
333Kb / 7P
FO converters - PSI-MOS-DNET/FO 850 E
2708355 PHOENIX-2708355 Datasheet
202Kb / 17P
FO converters - PSI-MOS-RS422/FO 850 E
09/12/2020
2708384 PHOENIX-2708384 Datasheet
176Kb / 14P
FO converters - PSI-MOS-RS422/FO 660 T
09/12/2020
2708559 PHOENIX-2708559 Datasheet
239Kb / 20P
FO converters - PSI-MOS-PROFIB/FO1300 E
09/12/2020
2708588 PHOENIX-2708588 Datasheet
134Kb / 12P
FO converters - PSI-MOS-RS232/FO1300 E
09/12/2020
2708892 PHOENIX-2708892 Datasheet
221Kb / 19P
FO converters - PSI-MOS-PROFIB/FO1300 T
09/12/2020
2708397 PHOENIX-2708397 Datasheet
1Mb / 31P
FO converters - PSI-MOS-RS422/FO 850 T
Dec 2, 2022
2708562 PHOENIX-2708562 Datasheet
1Mb / 28P
FO converters - PSI-MOS-RS485W2/FO1300 E
Dec 2, 2022
2708342 PHOENIX-2708342 Datasheet
1Mb / 27P
FO converters - PSI-MOS-RS422/FO 660 E
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com