Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2708575 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2708575
Description  FO converters - PSI-MOS-RS422/FO1300 E
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2708575 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2708575 Datasheet HTML 1Page - PHOENIX CONTACT 2708575 Datasheet HTML 2Page - PHOENIX CONTACT 2708575 Datasheet HTML 3Page - PHOENIX CONTACT 2708575 Datasheet HTML 4Page - PHOENIX CONTACT 2708575 Datasheet HTML 5Page - PHOENIX CONTACT 2708575 Datasheet HTML 6Page - PHOENIX CONTACT 2708575 Datasheet HTML 7Page - PHOENIX CONTACT 2708575 Datasheet HTML 8Page - PHOENIX CONTACT 2708575 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Fiber optic converter with integrated optical diagnostics, alarm contact, for RS-422/RS-485 4
wire/ INTERBUS up to 2 Mbps, termination device with one fiber optic interface (SC duplex),
1300 nm, for fiberglass cable
Your advantages
Connections can be plugged in via a COMBICON screw terminal block
Supply voltage routed through via DIN rail connectors
Redundant power supply possible by means of optional system power supply unit
High-quality electrical isolation between all interfaces (INTERBUS // FO ports // supply // DIN rail connector)
Approved for use in zone 2
Floating switch contact for advance warning of critical FO paths
Integrated optical diagnostics for continuous monitoring of FO paths
Automatic data rate detection for all data rates up to 2 Mbps
Shipbuilding approval in accordance with DNV GL
Commercial Data
Item number
2708575
Packing unit
1 pc
Minimum order quantity
1 pc
Sales Key
C19
Product Key
DNC216
Catalog Page
Page 437 (C-6-2019)
GTIN
4046356176293
Weight per Piece (including packing)
246 g
Weight per Piece (excluding packing)
190.68 g
Customs tariff number
85176200
Country of origin
DE
FO converters - PSI-MOS-RS422/FO1300 E
2708575
https://www.phoenixcontact.com/us/products/2708575
Dec 2, 2022, 6:49 AM
Page 1 (25)


Similar Part No. - 2708575

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2708520 PHOENIX-2708520 Datasheet
71Kb / 3P
   PSM-KA9SUB9/BB/0,5METER
2708546 PHOENIX-2708546 Datasheet
148Kb / 4P
   D-SUB connector - SUBCON 15HD/M
2708559 PHOENIX-2708559 Datasheet
239Kb / 20P
   FO converters - PSI-MOS-PROFIB/FO1300 E
09/12/2020
2708562 PHOENIX-2708562 Datasheet
1Mb / 28P
   FO converters - PSI-MOS-RS485W2/FO1300 E
Dec 2, 2022
2708588 PHOENIX-2708588 Datasheet
134Kb / 12P
   FO converters - PSI-MOS-RS232/FO1300 E
09/12/2020
More results

Similar Description - 2708575

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2708588 PHOENIX-2708588 Datasheet
134Kb / 12P
   FO converters - PSI-MOS-RS232/FO1300 E
09/12/2020
2708559 PHOENIX-2708559 Datasheet
239Kb / 20P
   FO converters - PSI-MOS-PROFIB/FO1300 E
09/12/2020
2708562 PHOENIX-2708562 Datasheet
1Mb / 28P
   FO converters - PSI-MOS-RS485W2/FO1300 E
Dec 2, 2022
2708342 PHOENIX-2708342 Datasheet
1Mb / 27P
   FO converters - PSI-MOS-RS422/FO 660 E
Dec 2, 2022
2708355 PHOENIX-2708355 Datasheet
202Kb / 17P
   FO converters - PSI-MOS-RS422/FO 850 E
09/12/2020
2708892 PHOENIX-2708892 Datasheet
221Kb / 19P
   FO converters - PSI-MOS-PROFIB/FO1300 T
09/12/2020
2708384 PHOENIX-2708384 Datasheet
176Kb / 14P
   FO converters - PSI-MOS-RS422/FO 660 T
09/12/2020
2708397 PHOENIX-2708397 Datasheet
1Mb / 31P
   FO converters - PSI-MOS-RS422/FO 850 T
Dec 2, 2022
101974 PHOENIX-101974 Datasheet
1Mb / 18P
   PSI-MOS-RS422/FO
2313999 PHOENIX-2313999 Datasheet
333Kb / 7P
   FO converters - PSI-MOS-DNET/FO 850 E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com