Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2708575 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 2708575
Description  FO converters - PSI-MOS-RS422/FO1300 E
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2708575 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 2708575 Datasheet HTML 2Page - PHOENIX CONTACT 2708575 Datasheet HTML 3Page - PHOENIX CONTACT 2708575 Datasheet HTML 4Page - PHOENIX CONTACT 2708575 Datasheet HTML 5Page - PHOENIX CONTACT 2708575 Datasheet HTML 6Page - PHOENIX CONTACT 2708575 Datasheet HTML 7Page - PHOENIX CONTACT 2708575 Datasheet HTML 8Page - PHOENIX CONTACT 2708575 Datasheet HTML 9Page - PHOENIX CONTACT 2708575 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Input
± 0.5 kV
Signal
± 1 kV
Comments
Criterion B
Conducted interference
Standards/regulations
EN 61000-4-6
Conducted interference
Comments
Criterion A
Voltage
10 V
Emitted interference
Standards/regulations
EN 55011
Comments
Class A, industrial applications
Criteria
Criterion A
Normal operating behavior within the specified limits.
Criterion B
Temporary impairment to operational behavior that is corrected
by the device itself.
Standards and regulations
Free from substances that could impair the application of coating
in accordance with VW-AUDI-Seat central standard P-VW 3.10.7
57 65 0
Mounting
Mounting type
DIN rail mounting
FO converters - PSI-MOS-RS422/FO1300 E
2708575
https://www.phoenixcontact.com/us/products/2708575
Dec 2, 2022, 6:49 AM
Page 6 (25)


Similar Part No. - 2708575

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2708520 PHOENIX-2708520 Datasheet
71Kb / 3P
   PSM-KA9SUB9/BB/0,5METER
2708546 PHOENIX-2708546 Datasheet
148Kb / 4P
   D-SUB connector - SUBCON 15HD/M
2708559 PHOENIX-2708559 Datasheet
239Kb / 20P
   FO converters - PSI-MOS-PROFIB/FO1300 E
09/12/2020
2708562 PHOENIX-2708562 Datasheet
1Mb / 28P
   FO converters - PSI-MOS-RS485W2/FO1300 E
Dec 2, 2022
2708588 PHOENIX-2708588 Datasheet
134Kb / 12P
   FO converters - PSI-MOS-RS232/FO1300 E
09/12/2020
More results

Similar Description - 2708575

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2708588 PHOENIX-2708588 Datasheet
134Kb / 12P
   FO converters - PSI-MOS-RS232/FO1300 E
09/12/2020
2708559 PHOENIX-2708559 Datasheet
239Kb / 20P
   FO converters - PSI-MOS-PROFIB/FO1300 E
09/12/2020
2708562 PHOENIX-2708562 Datasheet
1Mb / 28P
   FO converters - PSI-MOS-RS485W2/FO1300 E
Dec 2, 2022
2708342 PHOENIX-2708342 Datasheet
1Mb / 27P
   FO converters - PSI-MOS-RS422/FO 660 E
Dec 2, 2022
2708355 PHOENIX-2708355 Datasheet
202Kb / 17P
   FO converters - PSI-MOS-RS422/FO 850 E
09/12/2020
2708892 PHOENIX-2708892 Datasheet
221Kb / 19P
   FO converters - PSI-MOS-PROFIB/FO1300 T
09/12/2020
2708384 PHOENIX-2708384 Datasheet
176Kb / 14P
   FO converters - PSI-MOS-RS422/FO 660 T
09/12/2020
2708397 PHOENIX-2708397 Datasheet
1Mb / 31P
   FO converters - PSI-MOS-RS422/FO 850 T
Dec 2, 2022
101974 PHOENIX-101974 Datasheet
1Mb / 18P
   PSI-MOS-RS422/FO
2313999 PHOENIX-2313999 Datasheet
333Kb / 7P
   FO converters - PSI-MOS-DNET/FO 850 E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com