Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLF-16-20-P-A Datasheet(PDF) 1 Page - Festo Corporation.

Part # SLF-16-20-P-A
Description  Mini slide
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

SLF-16-20-P-A Datasheet(HTML) 1 Page - Festo Corporation.

  SLF-16-20-P-A Datasheet HTML 1Page - Festo Corporation. SLF-16-20-P-A Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mini slide
SLF-16-20-P-A
Part number: 170512
Data sheet
Feature
Value
Stroke
20 mm
Adjustable end position range/length
5 mm
Piston diameter
16 mm
Drive unit operating mode
Yoke
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Guide
Ball bearing cage guide
Structural design
Yoke
Piston
Piston rod
Ball roller guide
Slide
Position sensing
For proximity sensor
Symbol
00991737
Operating pressure
1 bar ... 10 bar
Mode of operation
Double-acting
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
0 - No corrosion stress
LABS (PWIS) conformity
VDMA24364-B2-L
Ambient temperature
-20 °C ... 60 °C
Impact energy in the end positions
0.1 J
Max. force Fy
370 N
Max. force Fz
370 N
Max. torque Mx
1.7 Nm
Max. torque My
1.7 Nm
Max. torque Mz
1.3 Nm
Theoretical force at 6 bar, retracting
104 N
Theoretical force at 6 bar, advancing
121 N
Moving mass
109 g
Product weight
243 g
Basic weight with 0 mm stroke
291 g
Alternative connections
See product drawing
Type of mounting
With through-hole
Pneumatic connection
M5
Cover material
Wrought aluminum alloy
Seals material
HNBR
12/7/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - SLF-16-20-P-A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
SLF-16-10-P-A FESTO-SLF-16-10-P-A Datasheet
94Kb / 2P
   Mini slide
12/7/22
SLF-16-30-P-A FESTO-SLF-16-30-P-A Datasheet
94Kb / 2P
   Mini slide
12/7/22
SLF-16-40-P-A FESTO-SLF-16-40-P-A Datasheet
94Kb / 2P
   Mini slide
12/7/22
SLF-16-50-P-A FESTO-SLF-16-50-P-A Datasheet
94Kb / 2P
   Mini slide
12/7/22
SLF-16-80-P-A FESTO-SLF-16-80-P-A Datasheet
94Kb / 2P
   Mini slide
12/7/22
More results

Similar Description - SLF-16-20-P-A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DGST-12-50-Y12A FESTO-DGST-12-50-Y12A Datasheet
91Kb / 2P
   Mini slide
DGST-12-80-Y12A FESTO-DGST-12-80-Y12A Datasheet
91Kb / 2P
   Mini slide
DGST-16-20-E1A FESTO-DGST-16-20-E1A Datasheet
89Kb / 2P
   Mini slide
DGST-16-40-Y12A FESTO-DGST-16-40-Y12A Datasheet
91Kb / 2P
   Mini slide
DGST-10-10-PA FESTO-DGST-10-10-PA Datasheet
92Kb / 2P
   Mini slide
DGST-20-10-E1A FESTO-DGST-20-10-E1A Datasheet
94Kb / 2P
   Mini slide
DGST-20-30-E1A FESTO-DGST-20-30-E1A Datasheet
95Kb / 2P
   Mini slide
DGST-20-30-Y12A FESTO-DGST-20-30-Y12A Datasheet
96Kb / 2P
   Mini slide
DGST-25-50-E1A FESTO-DGST-25-50-E1A Datasheet
95Kb / 2P
   Mini slide
DGST-25-80-E1A FESTO-DGST-25-80-E1A Datasheet
97Kb / 2P
   Mini slide
DGST-8-20-E1A FESTO-DGST-8-20-E1A Datasheet
92Kb / 2P
   Mini slide
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com