Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

421-023-520-102 Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 421-023-520-102
Description  421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

421-023-520-102 Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  421-023-520-102 Datasheet HTML 1Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.314 58.78
.100 2.54
2.970 75.44
2.700 68.58
.370 9.40
Features
.200 (5.08) Contact Spacing x .300 (7.62) Row Spacing with Staggered Grid
Mounts onto .062 (1.57) or .093 (2.36) Nominal Thickness P.C. Board by
Soldering and/or Staking of P.C. Tails
Edacon Hermaphroditic Contact Mating Design
Mounting Hole and Guide Pin Options
421 Series Designed to Mate with Non-Card Guide Versions of 408 or 415
Series, 422 Series Designed to Mate with Card Guide Versions of 408 or 415
Series, 423 Series Designed to Mate with 424 or 438 Series
Specifications
Insulator Material: Polyphenylene Sulphide, UL 94V-0, Colour: Green
Contact Material: Phosphor Bronze Alloy CA-510
Contact Plating: Gold over Nickel for Entire Contact
Current Rating: 10 Amperes
Contact Resistance: 10 Milliohms Maximum
Dielectric Withstanding Voltage: 2000 V AC rms at Sea Level
Insulation Resistance: 5000 Megohms Minimum
Operating Temperature: -65 to +125 Degrees C
Insertion and Withstanding Force: 2 to 16 oz (0.56 to 4.45 N) per Contact Position
ACAD REFERENCE NO.
TORONTO, ONTARIO
YOUR CONNECTION TO QUALITY & SERVICE
EDAC INC
CANADA
CHECKED:
THESE DRAWINGS AND SPECIFICATIONS
ARE THE PROPERTY OF EDAC INC.,AND
SHALL NOT BE REPRODUCED,OR COPIED
OR USED AS THE BASIS FOR THE
MANUFACTURE OR SALE OF APPARATUS
WITHOUT WRITTEN PERMISSION.
SCALE:
DRAWING NUMBER
DRAWN:
DATE:
ISSUE
SHEET
DATE:
ISSUE NUMBER
ORIGINAL
1
THIS IS A C.A.D. GENERATED DRAWING
DO NOT MAKE MANUAL REVISIONS TO MASTER.
421/422/423 Series High Reliability Interlock Connector
PART NUMBER: 421-023-520-102
421 -ENG-MASTER
421 -ENG-MASTER
J.LEE
AUG. 27/09
NTS
1
1
1
OF


Similar Part No. - 421-023-520-102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
421-023-520-102 ETC2-421-023-520-102 Datasheet
356Kb / 2P
200 Contact Spacing x 300 Row Spacing with Staggered Grid
logo
EDAC, All Rights Reserv...
421-023-520-102 EDAC-421-023-520-102 Datasheet
244Kb / 2P
421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
More results

Similar Description - 421-023-520-102

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
421-041-520-102 EDAC-421-041-520-102 Datasheet
112Kb / 1P
421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-041-521-102 EDAC-421-041-521-102 Datasheet
112Kb / 1P
421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-029-520-102 EDAC-421-029-520-102 Datasheet
108Kb / 1P
421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-035-520-102 EDAC-421-035-520-102 Datasheet
110Kb / 1P
421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-023-521-102 EDAC-421-023-521-102 Datasheet
107Kb / 1P
421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-029-521-102 EDAC-421-029-521-102 Datasheet
108Kb / 1P
421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-047-520-102 EDAC-421-047-520-102 Datasheet
114Kb / 1P
421 Series,High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-047-521-102 EDAC-421-047-521-102 Datasheet
114Kb / 1P
421 Series,High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-017-520-102 EDAC-421-017-520-102 Datasheet
104Kb / 1P
421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
421-035-521-102 EDAC-421-035-521-102 Datasheet
110Kb / 1P
421 Series High Reliability Inter-Lock | Green | Metal to Metal | Plug | Mounting Ears
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com