Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH127 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH127
Description  POWER INDUCTORS Type>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH127 Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH127 Datasheet HTML 1Page - Sumida Corporation CDRH127 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER INDUCTORS
<SMD Type>
CDRH125
( 1.3
µH - 1.0mH )
CDRH127
( 1.2
µH - 1.0mH )
DIMENSIONS (mm)
CONSTRUCTION
LAND PATTERNS (mm)
CDRH124
( 3.9
µH - 330µH )
DIMENSIONS (mm)
CONSTRUCTION
LAND PATTERNS (mm)
DIMENSIONS (mm)
CONSTRUCTION
LAND PATTERNS (mm)
CDRH127/LD
( 1.0
µH - 1.0mH )
DIMENSIONS (mm)
CONSTRUCTION
LAND PATTERNS (mm)
* In order to prevent short-circuiting, a solder resist is recommended.
* In order to prevent short-circuiting, a solder resist is recommended.
* In order to prevent short-circuiting, a solder resist is recommended.
* In order to prevent short-circuiting, a solder resist is recommended.
NEW
5.0
6.0MAX.
0.2
12.3MAX.
5.4
0.5
Outline
Solder Resist
12.3MAX.
5.0
8.0MAX.
5.4
Outline
Solder Resist
12.3MAX.
5.0
8.0MAX.
5.4
Outline
Solder Resist
5.0
4.5MAX.
0.2
12.3MAX.
5.4
0.5
Outline
Solder Resist
外形寸法図
磁気構造図
推奨ランド寸法
外形寸法図
磁気構造図
推奨ランド寸法
外形寸法図
磁気構造図
推奨ランド寸法
外形寸法図
磁気構造図
推奨ランド寸法
* ショート防止の為、ソルダレジスト推奨
* ショート防止の為、ソルダレジスト推奨
* ショート防止の為、ソルダレジスト推奨
* ショート防止の為、ソルダレジスト推奨


Similar Part No. - CDRH127

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
CDRH127 ECM-CDRH127 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
Sumida Corporation
CDRH127 SUMIDA-CDRH127 Datasheet
166Kb / 3P
   POWER INDUCTORS
logo
AIT Components Ltd.
CDRH127 AITCOMPONENTS-CDRH127 Datasheet
34Kb / 1P
   CDRH127 SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH127 SUMIDA-CDRH127 Datasheet
183Kb / 4P
   POWER INDUCTORS SMD Type: CDRH Series
logo
ECM Electronics Limited...
CDRH127-100 ECM-CDRH127-100 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
More results

Similar Description - CDRH127

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP105 SUMIDA-CDEP105 Datasheet
253Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP134 SUMIDA-CDEP134 Datasheet
249Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH4D14 SUMIDA-CDRH4D14 Datasheet
118Kb / 2P
   POWER INDUCTORS
CDRH4D22 SUMIDA-CDRH4D22 Datasheet
238Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH8D38 SUMIDA-CDRH8D38 Datasheet
235Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH104R SUMIDA-CDRH104R Datasheet
236Kb / 3P
   POWER INDUCTORS (SMD Type)
CDRH124 SUMIDA-CDRH124 Datasheet
306Kb / 1P
   POWER INDUCTORS (SMD Type)
CLS4D09 SUMIDA-CLS4D09 Datasheet
240Kb / 1P
   POWER INDUCTORS (SMD Type)
CMD5D11 SUMIDA-CMD5D11 Datasheet
117Kb / 2P
   POWER INDUCTORS
CR10D37 SUMIDA-CR10D37 Datasheet
113Kb / 2P
   POWER INDUCTORS
CDEP145 SUMIDA-CDEP145 Datasheet
113Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com