Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EIS-S230 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EIS-S230
Description  Edge Cloud Server with SignageCMS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EIS-S230 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EIS-S230 Datasheet HTML 1Page - Advantech Co., Ltd. EIS-S230 Datasheet HTML 2Page - Advantech Co., Ltd. EIS-S230 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fanless Embedded Box PCs
Features
EIS-S230-E1DS2A1
ƒ
Integrated hardware plus software for back-end data service and light private
cloud
ƒ
Open and Standard structure: kubernetes Built-in, Multiple DB Connections,
On-demand Microservices
ƒ
Integrated IoT Software: Private Cloud Deployment, Platform Management,
Application Integration
ƒ
Application integration: DeviceOn/iEdge, Grafana, Prometheus, Kubeapps,
Kubernetes Dashboard
ƒ
Sustainable Management: Condition Monitor, Load Balance, Self-Healing
ƒ
DeviceOn/iEdge inside for IoT Device Operation Management
ƒ
Bundled with SignageCMS
Introduction
EIS-S230-E1DS2A1 is the Edge Cloud Server that bundled with SignageCMS for middle size remote signage management. The fanless design and rich I/O provide customer reliable
and comprehensive choice to build the system easily and rapidly. The complete hardware and software solution can save customer the time to configure the whole system.
Specifications
Model Name
EIS-S230-E1DS2A1
Processor System
CPU
i7-7700
Frequency
3.6GHz/3.4GHz
L3 Cache
8MB
TDP
65W
Chipset
C236
BIOS
AMI EFI 128Mbit
Memory
Technology
DDR4 2666 MHz
Max. Capacity
32 GB
Socket
2 x 260-pin SO-DIMM
Graphics
Chipset
Intel® HD Graphics 630
Graphic Engine
Direct x 12, OpenGL 4.4
HW Encode: H.265/HEVC, H.264/MPEG-4 AVC, MPEG-2, JPEG/MJPEG and VP8.
HW Decode: H.265/HEVC, H.264/MPEG-4 AVC, MPEG-2, VC-1/WMV9, JPEG/MJPEG, VP8 and VP9
VGA
1920x1200@ 60Hz
HDMI
1 HDMI port, HDMI 2.0 for HD video playback, 3840x2160@30Hz
Optional 3rd Display module
DVI-D / DP / HDMI Display Port
Triple Display
VGA+HDMI + 3rd display module
Ethernet
LAN1
10/100/1000 Mbps Intel I219-LM GbE, support Wake On Lan
LAN2, 3, 4
10/100/1000 Mbps Intel I210 GbE, support Wake On Lan
Audio
Interface
Realtek ALC888S, High Definition Audio, Line-out, Mic-in
Others
Watch dog Timer
255-level timer interval, setup by software
TPM
TPM 2.0
I/O Interface
Serial Port
4 x RS-232/422/485 port with auto flow control; COM 1 support 5V/12V power supply (by jumper)
USB
8 x USB 3.0 ports
P/S2
1 Port support by cable and bracket (Optional)
Optional I/O
16bit DIO or 2 x RS-232 ports
Expansions
Mini PCIe
2 x Full-size Mini PCIe (2 x support mSATA, 1 x support SIM holder)
M.2
1 x E key for WiFi
i Door
1 set (Optional)
Add-on Card Slot
Maximum card size 110mm (H) x 180mm (L)
Suggest maximum power consumption 10W for each slot
2 Slots PCIex8 (Default)
2 Slots PCI (Support by project)
1 Slots PCIex16 (Support by project)
Storage
HDD
2 x 2.5" SATAIII HDD Bay with Max Height 15mm (support Intel SW RAID
(Up to 4 x 2.5" SATAIII HDD bays by optional 2*AMK-A0028E)
mSATA
2 x mSATA socket (Share with Mini PCIe)
Edge Cloud Server with SignageCMS
NEW
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 8-Apr-2021


Similar Part No. - EIS-S230

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EIS-S230-0000001 ADVANTECH-EIS-S230-0000001 Datasheet
719Kb / 2P
Edge Cloud Solution with Scalable Data Service Platform
29-May-2020
EIS-S230-U20S501 ADVANTECH-EIS-S230-U20S501 Datasheet
719Kb / 2P
Edge Cloud Solution with Scalable Data Service Platform
29-May-2020
More results

Similar Description - EIS-S230

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM13086 ETC2-OM13086 Datasheet
142Kb / 2P
LPC43S67 & A70CM Cloud Connectivity
logo
Taoglas antenna solutio...
FXP611070092C TAOGLAS-FXP611070092C Datasheet
477Kb / 12P
The CLoud Flexible Polymer Cloud Shape Antenna
logo
Advantech Co., Ltd.
UBX-310UST-G1E-C ADVANTECH-UBX-310UST-G1E-C Datasheet
2Mb / 2P
Edge Intelligence Server
logo
u-blox AG
SARA-R5 U-BLOX-SARA-R5 Datasheet
1Mb / 43P
LTE-M / NB-IoT modules with secure cloud
logo
PHOENIX CONTACT
2404449 PHOENIX-2404449 Datasheet
67Kb / 3P
Cloud service - CLOUD SERVICE/SYSTEMCOUPLER
09/12/2020
logo
EnOcean GmbH.
72201R-240 ENOCEAN-72201R-240 Datasheet
665Kb / 2P
Edge Server
2022
logo
Advantech Co., Ltd.
EI-A230 ADVANTECH-EI-A230 Datasheet
719Kb / 2P
Edge Cloud Solution with Scalable Data Service Platform
29-May-2020
ESRP-CMS-EKI7710 ADVANTECH-ESRP-CMS-EKI7710 Datasheet
1Mb / 2P
Cloud Network Management System
logo
Vaisala
CA10 VAISALA-CA10 Datasheet
171Kb / 2P
Cloud Access Point
CWL100 VAISALA-CWL100 Datasheet
488Kb / 3P
Cloud Wireless Data Logger
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com