Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EIS-S230 Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # EIS-S230
Description  Edge Cloud Server with SignageCMS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EIS-S230 Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  EIS-S230 Datasheet HTML 1Page - Advantech Co., Ltd. EIS-S230 Datasheet HTML 2Page - Advantech Co., Ltd. EIS-S230 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fanless Embedded Box PCs
Packing List
Item
Description
1
EIS-S230-E1DS2A1
2
Data Service Server software packages
3
AC to DC power adapter, DC 24V 220W
4
Accessory Package
Optional Items
Part Number
Description
1702002600
Power cable 3-pin 183cm, USA type
1702002605
Power cable 3-pin 183cm, EU type
1702031801
Power cable 3-pin 183cm, UK type
1700000237
Power cable 3-pin 183cm, PSE type
1700019146
3-pin power cord (CCC)
96ND1TB-ST-SG5KA
Seagate ST1000VT001 1TB HDD
SQF-S25V4-1T-SBC
SQF 2.5" SSD 1TB SSD
* MUST select two pieces of HDD/SSD as data storage.
Ordering Information
Part Number
CPU
Memory
Storage
OS
Display
GbE USB 3.0 Serial Audio
Power
Input
Expansion Operating
Temperature*
EIS-S230-E1DS2A1 i7-7700
8GBx2
512GB SSD Win10 IoT
1 x VGA
1 x HDMI
4
8
4
LINE out 9-36V
2 x PCIE
-20 ~ 60 °C
* If industrial grade memory and SSD selected.
Front Panel External I/O Mechanical Layout/Drawing
Optional Display
VGA
HDMI
USB 7/8 LAN4
iDoor
USB 5/6 LAN3
USB 3/4 LAN2
USB 1/2 LAN1
DC in
Power on/off
COM4
COM3
COM2
COM1
MIC in
Line out
HDD LED
EIS-S230-E1DS2A1


Similar Part No. - EIS-S230

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EIS-S230-0000001 ADVANTECH-EIS-S230-0000001 Datasheet
719Kb / 2P
Edge Cloud Solution with Scalable Data Service Platform
29-May-2020
EIS-S230-U20S501 ADVANTECH-EIS-S230-U20S501 Datasheet
719Kb / 2P
Edge Cloud Solution with Scalable Data Service Platform
29-May-2020
More results

Similar Description - EIS-S230

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM13086 ETC2-OM13086 Datasheet
142Kb / 2P
LPC43S67 & A70CM Cloud Connectivity
logo
Taoglas antenna solutio...
FXP611070092C TAOGLAS-FXP611070092C Datasheet
477Kb / 12P
The CLoud Flexible Polymer Cloud Shape Antenna
logo
Advantech Co., Ltd.
UBX-310UST-G1E-C ADVANTECH-UBX-310UST-G1E-C Datasheet
2Mb / 2P
Edge Intelligence Server
logo
u-blox AG
SARA-R5 U-BLOX-SARA-R5 Datasheet
1Mb / 43P
LTE-M / NB-IoT modules with secure cloud
logo
PHOENIX CONTACT
2404449 PHOENIX-2404449 Datasheet
67Kb / 3P
Cloud service - CLOUD SERVICE/SYSTEMCOUPLER
09/12/2020
logo
EnOcean GmbH.
72201R-240 ENOCEAN-72201R-240 Datasheet
665Kb / 2P
Edge Server
2022
logo
Advantech Co., Ltd.
EI-A230 ADVANTECH-EI-A230 Datasheet
719Kb / 2P
Edge Cloud Solution with Scalable Data Service Platform
29-May-2020
ESRP-CMS-EKI7710 ADVANTECH-ESRP-CMS-EKI7710 Datasheet
1Mb / 2P
Cloud Network Management System
logo
Vaisala
CA10 VAISALA-CA10 Datasheet
171Kb / 2P
Cloud Access Point
CWL100 VAISALA-CWL100 Datasheet
488Kb / 3P
Cloud Wireless Data Logger
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com