Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHD126144D Datasheet(PDF) 1 Page - Sensitron

Part # SHD126144D
Description  SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD126144D Datasheet(HTML) 1 Page - Sensitron

  SHD126144D Datasheet HTML 1Page - Sensitron SHD126144D Datasheet HTML 2Page - Sensitron SHD126144D Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• 221 West Industry Court 3 Deer Park, NY 11729-4681 3 (631) 586-7600 FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 4755, REV. A
SILICON SCHOTTKY RECTIFIER
Ultra Low Reverse Leakage
200
°C Operating Temperature
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Ultra low Reverse Leakage Current
Soft Reverse Recovery at Low and High Temperature
Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
100
V
Max. Average Forward Current
IF(AV)
Maximum DC Output Current
(@ TC=100
OC) (Single,
Doubler)
7.5
A
Max. Average Forward Current
IF(AV)
Maximum DC Output Current
(@ TC=100
OC) (Common
Cathode, Common Anode)
15
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, half Sine wave
75
A
Maximun Thermal Resistence
(Single)
RθJC
-
2.71
°C/W
Maximun Thermal Resistence
(Common Cathode, Common
Anode, Doubler)
RθJC
-
1.36
°C/W
Max. Junction Temperature
TJ
-
-65 to +200
°C
Max. Storage Temperature
Tstg
-
-65 to +200
°C
Electrical Characteristics Per Leg:
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 7.5 A, Pulse, TJ = 25 °C
0.93
V
VF2
@ 7.5 A, Pulse, TJ = 125 °C
0.77
V
Max. Reverse Current
IR1
@VR = 100 V, Pulse,
TJ = 25 °C
0.18
mA
IR2
@VR = 100 V, Pulse,
TJ = 125 °C
4
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz,
VSIG = 50mV (p-p)
250
pF
SHD126144
SHD126144P
SHD126144N
SHD126144D


Similar Part No. - SHD126144D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD126145 SENSITRON-SHD126145 Datasheet
102Kb / 3P
   SCHOTTKY RECTIFIER 200째C Operating Temperature
SHD126145D SENSITRON-SHD126145D Datasheet
102Kb / 3P
   SCHOTTKY RECTIFIER 200째C Operating Temperature
SHD126145N SENSITRON-SHD126145N Datasheet
102Kb / 3P
   SCHOTTKY RECTIFIER 200째C Operating Temperature
SHD126145P SENSITRON-SHD126145P Datasheet
102Kb / 3P
   SCHOTTKY RECTIFIER 200째C Operating Temperature
SHD126146 SENSITRON-SHD126146 Datasheet
48Kb / 3P
   SCHOTTKY RECTIFIER 200째C Operating Temperature
More results

Similar Description - SHD126144D

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD126134 SENSITRON-SHD126134 Datasheet
65Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126434 SENSITRON-SHD126434_08 Datasheet
58Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126434 SENSITRON-SHD126434 Datasheet
166Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126034 SENSITRON-SHD126034_08 Datasheet
57Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126436 SENSITRON-SHD126436_08 Datasheet
58Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126134 SENSITRON-SHD126134_08 Datasheet
59Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126034 SENSITRON-SHD126034 Datasheet
58Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD120136 SENSITRON-SHD120136_08 Datasheet
62Kb / 3P
   SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126136_0609 SENSITRON-SHD126136_0609 Datasheet
54Kb / 3P
   SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126236 SENSITRON-SHD126236_10 Datasheet
44Kb / 3P
   SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com