Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLED-040N002A-GPP5N00000 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # OLED-040N002A-GPP5N00000
Description  40 x 2 Character OLED
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OLED-040N002A-GPP5N00000 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button OLED-040N002A-GPP5N00000 Datasheet HTML 9Page - Vishay Siliconix OLED-040N002A-GPP5N00000 Datasheet HTML 10Page - Vishay Siliconix OLED-040N002A-GPP5N00000 Datasheet HTML 11Page - Vishay Siliconix OLED-040N002A-GPP5N00000 Datasheet HTML 12Page - Vishay Siliconix OLED-040N002A-GPP5N00000 Datasheet HTML 13Page - Vishay Siliconix OLED-040N002A-GPP5N00000 Datasheet HTML 14Page - Vishay Siliconix OLED-040N002A-GPP5N00000 Datasheet HTML 15Page - Vishay Siliconix OLED-040N002A-GPP5N00000 Datasheet HTML 16Page - Vishay Siliconix OLED-040N002A-GPP5N00000 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
OLED-040N002A-GPP5N00000
www.vishay.com
Vishay
Revision: 09-Aug-16
13
Document Number: 37820
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Test and measurement conditions
1. All measurements shall not be started until the specimens attain to temperature stability.
After the completion of the described reliability test, the samples were left at room
temperature for 2 hrs prior to conducting the failure test at 23±5°C; 55±15% RH.
2. All-pixels-on is used as operation test pattern.
3. The degradation of Polarizer are ignored for High Temperature storage, High Temperature/
Humidity Storage, Temperature Cycle
Evaluation criteria
1. The function test is OK.
2. No observable defects.
3. Luminance: > 50% of initial value.
4. Current consumption: within ± 50% of initial value.
APPENDIX:
RESIDUE IMAGE
Because the pixels are lighted in different time, the luminance of active pixels
may reduce or differ from inactive pixels. Therefore, the residue image will occur.
To avoid the residue image, every pixel needs to be lighted up uniformly.


Similar Part No. - OLED-040N002A-GPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-040N002A-LPP5N00000 VISHAY-OLED-040N002A-LPP5N00000 Datasheet
205Kb / 14P
   40 x 2 Character OLED
01-Jan-2022
OLED-040N002A-SPP5N00000 VISHAY-OLED-040N002A-SPP5N00000 Datasheet
392Kb / 22P
   40 x 2 Character OLED
01-Jan-2022
OLED-040N002A-WPP5N00000 VISHAY-OLED-040N002A-WPP5N00000 Datasheet
395Kb / 22P
   40 x 2 Character OLED
01-Jan-2022
More results

Similar Description - OLED-040N002A-GPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-040N002A-SPP5N00000 VISHAY-OLED-040N002A-SPP5N00000 Datasheet
392Kb / 22P
   40 x 2 Character OLED
01-Jan-2022
OLED-040N002A-LPP5N00000 VISHAY-OLED-040N002A-LPP5N00000 Datasheet
205Kb / 14P
   40 x 2 Character OLED
01-Jan-2022
OLED-040N002A-WPP5N00000 VISHAY-OLED-040N002A-WPP5N00000 Datasheet
395Kb / 22P
   40 x 2 Character OLED
01-Jan-2022
OLED-008N002A VISHAY-OLED-008N002A_V01 Datasheet
71Kb / 3P
   8 x 2 Character OLED
01-Jan-2023
OLED-008N002A VISHAY-OLED-008N002A Datasheet
70Kb / 3P
   8 x 2 Character OLED
01-Jan-2022
OLED-016N002E VISHAY-OLED-016N002E Datasheet
78Kb / 3P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002B-LPP5N00000 VISHAY-OLED-016O002B-LPP5N00000 Datasheet
215Kb / 14P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002C-SPP3N00000 VISHAY-OLED-016O002C-SPP3N00000 Datasheet
424Kb / 26P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002G-LPP5N00000 VISHAY-OLED-016O002G-LPP5N00000 Datasheet
221Kb / 14P
   16 x 2 Character OLED
01-Jan-2022
OLED-020N002A-LPP5N000A0 VISHAY-OLED-020N002A-LPP5N000A0 Datasheet
201Kb / 14P
   20 x 2 Character OLED
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com