Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLED-016O002C-SPP3N00000 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # OLED-016O002C-SPP3N00000
Description  16 x 2 Character OLED
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OLED-016O002C-SPP3N00000 Datasheet(HTML) 3 Page - Vishay Siliconix

  OLED-016O002C-SPP3N00000 Datasheet HTML 1Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 2Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 3Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 4Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 5Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 6Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 7Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 8Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
OLED-016O002C-SPP3N00000
www.vishay.com
Vishay
Revision: 18-Aug-16
3
Document Number: 37796
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
15
D / C#
I
This pin is data / command control pin connecting to the MCU. When the pin is pulled “high”, the
data at D [7:0] will be interpreted as data.
When the pin is pulled “low”, the data at D [7:0] will be transferred to a command register.
In I2C mode, this pin acts as SA0 for slave address selection. When serial interface is selected, this
pin must be connected to VSS.
16
R / W#
(WR#)
I
This pin is read / write control input pin connecting to the MCU interface.
When 6800 interface mode is selected, this pin will be used as read / write (R / W#) selection input.
Read mode will be carried out when this pin is pulled “high” and write mode when “low”.
When 8080 interface mode is selected, this pin will be the write (WR#) input. Data write operation is
initiated when this pin is pulled “low” and the chip is selected.
When serial or I2C interface is selected, this pin must be connected to VSS.
17
E (RD#)
I
This pin is MCU interface input.
When 6800 interface mode is selected, this pin will be used as the enable (E) signal. Read / write
operation is initiated when this pin is pulled “high” and the chip is selected.
When 8080 interface mode is selected, this pin receives the read (RD#) signal. Read operation is
initiated when this pin is pulled “low” and the chip is selected.
When serial or I2C interface is selected, this pin must be connected to VSS.
18
D0
I/O
These pins are bi-directional data bus connecting to the MCU data bus.
Unused pins are recommended to tie “low”.
When serial interface mode is selected, D0 will be the serial clock input: SCLK; D1 will be the serial
data input: SID and D2 will be the serial data output: SOD.
When I2C mode is selected, D2, D1 should be tied together and serve as SDAout, SDAin in
application and D0 is the serial clock input, SCL.
19
D1
20
D2
21
D3
22
D4
23
D5
24
D6
25
D7
26
IREF
I
This pin is the segment output current reference pin. IREF is supplied externally. A resistor should
be connected between this pin and VSS to maintain current of around 15 μA
27
ROM0
I
These pins are used to select character ROM; select appropriate logic setting as described in the
following table. ROM1 and ROM0 are pin select as shown in below table.
Character ROM selection
ROM1
ROM0
ROM
00
A
01
B
28
ROM1
10
C
1
1
S / W selectable
Notes
• 0 is connected to VSS
• 1 is connected to VDDI/O
29
OPR0
I
This pin is used to select the character number of character generator.
Character RAM selection
OPR1
OPR0
CGROM
CGRAM
11
256
0
01
248
8
30
OPR1
10
250
6
00
240
8
Notes
• 0 is connected to VSS
• 1 is connected to VDDI/O
31
VCOMH
P
COM signal deselected voltage level. A capacitor should be connected between this pin and VSS.
No external power supply is allowed to connect to this pin.
32
VCC
P
Power supply for panel driving voltage. This is also the most positive power voltage supply pin. It is
supplied by external high voltage source.
33
NC
-
No connection
INTERFACE PIN FUNCTION
PIN NO.
SYMBOL
PIN TYPE
DESCRIPTION


Similar Part No. - OLED-016O002C-SPP3N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-016O002C-LPP5N00000 VISHAY-OLED-016O002C-LPP5N00000 Datasheet
220Kb / 16P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002C-WPP5N00000 VISHAY-OLED-016O002C-WPP5N00000 Datasheet
219Kb / 16P
   16 x 2 Character OLED
01-Jan-2022
More results

Similar Description - OLED-016O002C-SPP3N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-016N002E VISHAY-OLED-016N002E Datasheet
78Kb / 3P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002B-LPP5N00000 VISHAY-OLED-016O002B-LPP5N00000 Datasheet
215Kb / 14P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002G-LPP5N00000 VISHAY-OLED-016O002G-LPP5N00000 Datasheet
221Kb / 14P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002A VISHAY-OLED-016N002A_V01 Datasheet
78Kb / 3P
   16 x 2 Character OLED
01-Jan-2023
OLED-016N002A VISHAY-OLED-016N002A Datasheet
78Kb / 3P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002C-BPP5N00000 VISHAY-OLED-016N002C-BPP5N00000 Datasheet
406Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002C-WPP5N00000 VISHAY-OLED-016N002C-WPP5N00000 Datasheet
406Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002C VISHAY-OLED-016N002C Datasheet
84Kb / 3P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002H-WPP5N00000 VISHAY-OLED-016N002H-WPP5N00000 Datasheet
378Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002B-BPP5N00000 VISHAY-OLED-016O002B-BPP5N00000 Datasheet
427Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com