Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLED-016O002C-SPP3N00000 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # OLED-016O002C-SPP3N00000
Description  16 x 2 Character OLED
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OLED-016O002C-SPP3N00000 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button OLED-016O002C-SPP3N00000 Datasheet HTML 6Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 7Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 8Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 9Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 10Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 11Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 12Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 13Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
OLED-016O002C-SPP3N00000
www.vishay.com
Vishay
Revision: 18-Aug-16
10
Document Number: 37796
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
20
D2
When serial interface mode is selected, D0 will be the serial clock
input: SCLK; D1 will be the serial data input: SID and D2 will be the
serial data output: SOD.
When I2C mode is selected, D2, D1 should be tied together and serve
as SDAout, SDAin in application and D0 is the serial clock input,
SCL.
21
D3
22
D4
23
D5
24
D6
25
D7
26
IREF
I
This pin is the segment output current reference pin.
IREF is supplied externally.
A resistor should be connected between this pin and VSS to maintain
current of around 15uA.
27
ROM0
I
These pins are used to select Character ROM; select appropriate logic
setting as described in the following table.
ROM1 and ROM0 are
pin select as shown in below table:
Character ROM selection
Note
(1) 0 is connected to VSS
(2) 1 is connected to VDDIO
28
ROM1
29
OPR0
I
This pin is used to select the character number of character generator.
Character RAM selection
Note
(1) 0 is connected to VSS
(2) 1 is connected to VDDIO
30
OPR1
31
VCOMH
P
COM signal deselected voltage level.
A capacitor should be connected between this pin and VSS.
No external power supply is allowed to connect to this pin.
32
VCC
P
Power supply for panel driving voltage.
This is also the most
positive power voltage supply pin. It is supplied by external high
voltage source.
33
NC
No connection


Similar Part No. - OLED-016O002C-SPP3N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-016O002C-LPP5N00000 VISHAY-OLED-016O002C-LPP5N00000 Datasheet
220Kb / 16P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002C-WPP5N00000 VISHAY-OLED-016O002C-WPP5N00000 Datasheet
219Kb / 16P
   16 x 2 Character OLED
01-Jan-2022
More results

Similar Description - OLED-016O002C-SPP3N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-016N002E VISHAY-OLED-016N002E Datasheet
78Kb / 3P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002B-LPP5N00000 VISHAY-OLED-016O002B-LPP5N00000 Datasheet
215Kb / 14P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002G-LPP5N00000 VISHAY-OLED-016O002G-LPP5N00000 Datasheet
221Kb / 14P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002A VISHAY-OLED-016N002A_V01 Datasheet
78Kb / 3P
   16 x 2 Character OLED
01-Jan-2023
OLED-016N002A VISHAY-OLED-016N002A Datasheet
78Kb / 3P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002C-BPP5N00000 VISHAY-OLED-016N002C-BPP5N00000 Datasheet
406Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002C-WPP5N00000 VISHAY-OLED-016N002C-WPP5N00000 Datasheet
406Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002C VISHAY-OLED-016N002C Datasheet
84Kb / 3P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002H-WPP5N00000 VISHAY-OLED-016N002H-WPP5N00000 Datasheet
378Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002B-BPP5N00000 VISHAY-OLED-016O002B-BPP5N00000 Datasheet
427Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com