Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLED-016O002C-SPP3N00000 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # OLED-016O002C-SPP3N00000
Description  16 x 2 Character OLED
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OLED-016O002C-SPP3N00000 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button OLED-016O002C-SPP3N00000 Datasheet HTML 4Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 5Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 6Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 7Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 8Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 9Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 10Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 11Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
OLED-016O002C-SPP3N00000
www.vishay.com
Vishay
Revision: 18-Aug-16
8
Document Number: 37796
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
4. Interface Pin Function
Pin No.
Symbol
Pin Type Description
1NC
No connection
2VSL
P
This is segment voltage (output low level) reference pin.
When external VSL is not used, this pin should be left open.
When external VSL is used, connect with resistor and diode to
ground (details depend on application).
3
VSS
P
Ground pin.
It must be connected to external ground.
4
REGVDD
I
Internal VDD regulator selection pin in 5V I/O application mode.
When this pin is pulled HIGH, internal VDD regulator is enabled (5V
I/O application).
When this pin is pulled LOW, internal VDD regulator is disabled
(Low voltage I/O application).
5SHLC
I
This pin is used to determine the Common output scanning direction.
COM scan direction
SHLC
COM scan direction
1
COM0 to COM31
(Normal)
0
COM31 to COM0
(Reverse)
Note
(1) 0 is connected to VSS
(2) 1 is connected to VDDIO
6SHLS
I
This pin is used to change the mapping between the display data
column address and the Segment driver.
SEG scan direction
SHLS
SEG direction
1
SEG0 to SEG99
(Normal)
0
SEG99 to SEG0
(Reverse)
Note
(1) 0 is connected to VSS
(2) 1 is connected to VDDIO
7
VDD
P
Power supply for core logic operation.
VDD can be supplied externally or regulated internally.
In LV IO application (internal VDD is disabled), this is a power input
pin.
In 5V IO application (internal VDD is enabled), VDD is regulated
internally from VDDIO.
A capacitor should be connected between VDD and VSS under all
circumstances.
8
VDDIO
P
Low voltage power supply and power supply for interface logic level
in both Low Voltage I/O and 5V I/O application.
It should match
with the MCU interface voltage level and must be connected to
external source.
9BS0
I
MCU bus interface selection pins.
Select appropriate logic setting
as described in the following table. BS2, BS1 and BS0 are pin select.
Bus Interface selection
10
BS1


Similar Part No. - OLED-016O002C-SPP3N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-016O002C-LPP5N00000 VISHAY-OLED-016O002C-LPP5N00000 Datasheet
220Kb / 16P
16 x 2 Character OLED
01-Jan-2022
OLED-016O002C-WPP5N00000 VISHAY-OLED-016O002C-WPP5N00000 Datasheet
219Kb / 16P
16 x 2 Character OLED
01-Jan-2022
More results

Similar Description - OLED-016O002C-SPP3N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-016N002A VISHAY-OLED-016N002A Datasheet
78Kb / 3P
16 x 2 Character OLED
01-Jan-2022
OLED-016N002C-BPP5N00000 VISHAY-OLED-016N002C-BPP5N00000 Datasheet
406Kb / 23P
16 x 2 Character OLED
01-Jan-2022
OLED-016N002C-WPP5N00000 VISHAY-OLED-016N002C-WPP5N00000 Datasheet
406Kb / 23P
16 x 2 Character OLED
01-Jan-2022
OLED-016N002C VISHAY-OLED-016N002C Datasheet
84Kb / 3P
16 x 2 Character OLED
01-Jan-2022
OLED-016N002E VISHAY-OLED-016N002E Datasheet
78Kb / 3P
16 x 2 Character OLED
01-Jan-2022
OLED-016N002H-WPP5N00000 VISHAY-OLED-016N002H-WPP5N00000 Datasheet
378Kb / 23P
16 x 2 Character OLED
01-Jan-2022
OLED-016O002B-BPP5N00000 VISHAY-OLED-016O002B-BPP5N00000 Datasheet
427Kb / 23P
16 x 2 Character OLED
01-Jan-2022
OLED-016O002B-LPP5N00000 VISHAY-OLED-016O002B-LPP5N00000 Datasheet
215Kb / 14P
16 x 2 Character OLED
01-Jan-2022
OLED-016O002G-LPP5N00000 VISHAY-OLED-016O002G-LPP5N00000 Datasheet
221Kb / 14P
16 x 2 Character OLED
01-Jan-2022
OLED-016N002A VISHAY-OLED-016N002A_V01 Datasheet
78Kb / 3P
16 x 2 Character OLED
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com