Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLED-016O002C-SPP3N00000 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # OLED-016O002C-SPP3N00000
Description  16 x 2 Character OLED
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OLED-016O002C-SPP3N00000 Datasheet(HTML) 4 Page - Vishay Siliconix

  OLED-016O002C-SPP3N00000 Datasheet HTML 1Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 2Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 3Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 4Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 5Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 6Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 7Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 8Page - Vishay Siliconix OLED-016O002C-SPP3N00000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
OLED-016O002C-SPP3N00000
www.vishay.com
Vishay
Revision: 18-Aug-16
4
Document Number: 37796
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
The non-specified tolerance of dimension is ± 0.3 mm.
0.60
0.57
3.55
2.97
0.58
DOT SIZES
SCALE 3/1
Polarizer
t = 0.25 mm
Protective tape
Contact side
Contact side
Remove tape
t = 0.15 mm max.
33
P0.7 x 32 = 22.4 ± 0.05
10.00
23.80 ± 0.2
0.40
22.00
(alignment mark)
56.22 (AA)
64.50 ± 0.2
68.50 ± 0.2
33.80
102.30
63.50 ± 0.2 (polarizer)
58.22 (VA)
5.00
10.00
5.00


Similar Part No. - OLED-016O002C-SPP3N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-016O002C-LPP5N00000 VISHAY-OLED-016O002C-LPP5N00000 Datasheet
220Kb / 16P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002C-WPP5N00000 VISHAY-OLED-016O002C-WPP5N00000 Datasheet
219Kb / 16P
   16 x 2 Character OLED
01-Jan-2022
More results

Similar Description - OLED-016O002C-SPP3N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-016N002E VISHAY-OLED-016N002E Datasheet
78Kb / 3P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002B-LPP5N00000 VISHAY-OLED-016O002B-LPP5N00000 Datasheet
215Kb / 14P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002G-LPP5N00000 VISHAY-OLED-016O002G-LPP5N00000 Datasheet
221Kb / 14P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002A VISHAY-OLED-016N002A_V01 Datasheet
78Kb / 3P
   16 x 2 Character OLED
01-Jan-2023
OLED-016N002A VISHAY-OLED-016N002A Datasheet
78Kb / 3P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002C-BPP5N00000 VISHAY-OLED-016N002C-BPP5N00000 Datasheet
406Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002C-WPP5N00000 VISHAY-OLED-016N002C-WPP5N00000 Datasheet
406Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002C VISHAY-OLED-016N002C Datasheet
84Kb / 3P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002H-WPP5N00000 VISHAY-OLED-016N002H-WPP5N00000 Datasheet
378Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002B-BPP5N00000 VISHAY-OLED-016O002B-BPP5N00000 Datasheet
427Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com