Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLED-016O002B-LPP5N00000 Datasheet(PDF) 12 Page - Vishay Siliconix

Part # OLED-016O002B-LPP5N00000
Description  16 x 2 Character OLED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OLED-016O002B-LPP5N00000 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button OLED-016O002B-LPP5N00000 Datasheet HTML 6Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 7Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 8Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 9Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 10Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 11Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 12Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 13Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
OLED-016O002B-LPP5N00000
www.vishay.com
Vishay
Revision: 03-Aug-17
12
Document Number: 37794
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
10. Pay sufficient attention to the working environments when handing OLED display modules to prevent occurrence of element
breakage accidents by static electricity
• Be sure to make human body grounding when handling OLED display modules
• Be sure to ground tools to use or assembly such as soldering irons
• To suppress generation of static electricity, avoid carrying out assembly work under dry environments
• Protective film is being applied to the surface of the display panel of the OLED display module. Be careful since static
electricity may be generated when exfoliating the protective film
11. Protection film is being applied to the surface of the display panel and removes the protection film before assembling it. At
this time, if the OLED display module has been stored for a long period of time, residue adhesive material of the protection
film may remain on the surface of the display panel after removed of the film. In such case, remove the residue material by
the method introduced in the above no. 5
12. If electric current is applied when the OLED display module is being dewed or when it is placed under high humidity
environments, the electrodes may be corroded and be careful to avoid the above
STORAGE PRECAUTIONS
1. When storing OLED display modules, put them in static electricity preventive bags avoiding exposure to direct sun light nor
to lights of fluorescent lamps and, also, avoiding high temperature and high humidity environment or low temperature (less
than 0 °C) environments. We recommend you to store these modules in the packaged state when they were shipped from
Vishay. At that time, be careful not to let water drops adhere to the packages or bags nor let dewing occur with them
2. If electric current is applied when water drops are adhering to the surface of the OLED display module, when the OLED
display module is being dewed or when it is placed under high humidity environments, the electrodes may be corroded and
be careful about the above
DESIGNING PRECAUTIONS
1. The absolute maximum ratings are the ratings which cannot be exceeded for OLED display module, and if these values are
exceeded, panel damage may be happen
2. To prevent occurrence of malfunctioning by noise, pay attention to satisfy the VIL and VIH specifications and, at the same
time, to make the signal line cable as short as possible
3. We recommend you to install excess current preventive unit (fuses, etc.) to the power circuit (VDD) (recommend value: 0.5 A)
4. Pay sufficient attention to avoid occurrence of mutual noise interference with the neighboring devices
5. As for EMI, take necessary measures on the equipment side basically
6. When fastening the OLED display module, fasten the external plastic housing section
7. If power supply to the OLED display module is forcibly shut down by such errors as taking out the main battery while the
OLED display panel is in operation, we cannot guarantee the quality of this OLED display module
• Connection (contact) to any other potential than the above may lead to rupture of the IC
PRECAUTIONS WHEN DISPOSING OF THE OLED DISPLAY MODULES
1. Request the qualified companies to handle industrial wastes when disposing of the OLED display modules. Or, when burning
them, be sure to observe the environmental and hygienic laws and regulations
OTHER PRECAUTIONS
1. When an OLED display module is operated for a long of time with fixed pattern may remain as an after image or slight
contrast deviation may occur. Nonetheless, if the operation is interrupted and left unused for a while, normal state can be
restored. Also, there will be no problem in the reliability of the module
2. To protect OLED display modules from performance drops by static electricity rapture, etc., do not touch the following
sections whenever possible while handling the OLED display modules
• Pins and electrodes
• Pattern layouts such as the TCP and FPC
3. With this OLED display module, the OLED driver is being exposed. Generally speaking, semiconductor elements change
their characteristics when light is radiated according to the principle of the solar battery. Consequently, if this OLED driver
is exposed to light, malfunctioning may occur
• Design the product and installation method so that the OLED driver may be shielded from light in actual usage
• Design the product and installation method so that the OLED driver may be shielded from light during the inspection
processes


Similar Part No. - OLED-016O002B-LPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-016O002B-BPP5N00000 VISHAY-OLED-016O002B-BPP5N00000 Datasheet
427Kb / 23P
16 x 2 Character OLED
01-Jan-2022
More results

Similar Description - OLED-016O002B-LPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-016N002E VISHAY-OLED-016N002E Datasheet
78Kb / 3P
16 x 2 Character OLED
01-Jan-2022
OLED-016O002C-SPP3N00000 VISHAY-OLED-016O002C-SPP3N00000 Datasheet
424Kb / 26P
16 x 2 Character OLED
01-Jan-2022
OLED-016O002G-LPP5N00000 VISHAY-OLED-016O002G-LPP5N00000 Datasheet
221Kb / 14P
16 x 2 Character OLED
01-Jan-2022
OLED-016N002A VISHAY-OLED-016N002A_V01 Datasheet
78Kb / 3P
16 x 2 Character OLED
01-Jan-2023
OLED-016N002A VISHAY-OLED-016N002A Datasheet
78Kb / 3P
16 x 2 Character OLED
01-Jan-2022
OLED-016N002C-BPP5N00000 VISHAY-OLED-016N002C-BPP5N00000 Datasheet
406Kb / 23P
16 x 2 Character OLED
01-Jan-2022
OLED-016N002C-WPP5N00000 VISHAY-OLED-016N002C-WPP5N00000 Datasheet
406Kb / 23P
16 x 2 Character OLED
01-Jan-2022
OLED-016N002C VISHAY-OLED-016N002C Datasheet
84Kb / 3P
16 x 2 Character OLED
01-Jan-2022
OLED-016N002H-WPP5N00000 VISHAY-OLED-016N002H-WPP5N00000 Datasheet
378Kb / 23P
16 x 2 Character OLED
01-Jan-2022
OLED-016O002B-BPP5N00000 VISHAY-OLED-016O002B-BPP5N00000 Datasheet
427Kb / 23P
16 x 2 Character OLED
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com