Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLED-016O002B-LPP5N00000 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # OLED-016O002B-LPP5N00000
Description  16 x 2 Character OLED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OLED-016O002B-LPP5N00000 Datasheet(HTML) 1 Page - Vishay Siliconix

  OLED-016O002B-LPP5N00000 Datasheet HTML 1Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 2Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 3Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 4Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 5Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 6Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 7Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 8Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
OLED-016O002B-LPP5N00000
www.vishay.com
Vishay
Revision: 03-Aug-17
1
Document Number: 37794
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
16 x 2 Character OLED
FEATURES
• Type: character
• Display format: 16 x 2 characters
• Built-in controller: OLED-0010
• Duty cycle: 1/16
• +5 V power supply
• Interface: 6800
• With polarizer
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
• When you use 5 V for VDD please do not use 3 V or 3.3 V for logic I/O this will cause module does not work
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module dimension
53.0 x 20.0 x 7.6 (max.)
mm
Viewing area
36.0 x 10.0
Active area
30.69 x 5.94
Dot size
0.30 x 0.32
Dot pitch
0.34 x 0.36
Mounting hole
48.0 x 15.0
Character size
1.67 x 2.84
Character pitch
1.94 x 3.11
ABSOLUTE MAXIMUM RATINGS
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
MAX.
Supply voltage
for logic
VDD to VSS
-0.3
5.3
V
Operating
temperature
TOP
-40
+80
°C
Storage
temperature
TSTG
-40
+80
ELECTRICAL CHARACTERISTICS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Supply voltage for logic
VDD to VSS
-
4.8
5.0
5.3
V
Input high voltage
VIH
-
0.9 VDD
-VDD
Input low voltage
VIL
-
GND
-
0.1 VDD
Output high voltage
VOH
IOH = -0.5 mA
0.8 VDD
-VDD
Output low voltage
VOL
IOL = 0.5 mA
GND
-
0.2 VDD
50 % check board operating current
IDD
VDD = 5 V
101826
mA
OPTIONS
EMITTING COLOR
YELLOW
GREEN
RED
BLUE
WHITE
Yes
----


Similar Part No. - OLED-016O002B-LPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-016O002B-BPP5N00000 VISHAY-OLED-016O002B-BPP5N00000 Datasheet
427Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
More results

Similar Description - OLED-016O002B-LPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-016N002E VISHAY-OLED-016N002E Datasheet
78Kb / 3P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002C-SPP3N00000 VISHAY-OLED-016O002C-SPP3N00000 Datasheet
424Kb / 26P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002G-LPP5N00000 VISHAY-OLED-016O002G-LPP5N00000 Datasheet
221Kb / 14P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002A VISHAY-OLED-016N002A_V01 Datasheet
78Kb / 3P
   16 x 2 Character OLED
01-Jan-2023
OLED-016N002A VISHAY-OLED-016N002A Datasheet
78Kb / 3P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002C-BPP5N00000 VISHAY-OLED-016N002C-BPP5N00000 Datasheet
406Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002C-WPP5N00000 VISHAY-OLED-016N002C-WPP5N00000 Datasheet
406Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002C VISHAY-OLED-016N002C Datasheet
84Kb / 3P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002H-WPP5N00000 VISHAY-OLED-016N002H-WPP5N00000 Datasheet
378Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002B-BPP5N00000 VISHAY-OLED-016O002B-BPP5N00000 Datasheet
427Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com