Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLED-016O002B-LPP5N00000 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # OLED-016O002B-LPP5N00000
Description  16 x 2 Character OLED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OLED-016O002B-LPP5N00000 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button OLED-016O002B-LPP5N00000 Datasheet HTML 5Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 6Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 7Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 8Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 9Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 10Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 11Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 12Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
OLED-016O002B-LPP5N00000
www.vishay.com
Vishay
Revision: 03-Aug-17
9
Document Number: 37794
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
08
Backlight elements
8.1 Illumination source flickers when lit
0.65
8.2 Spots or scratched that appear when lit must be judged. Using OLED spot, lines and
contamination standards
2.5
8.3 Backlight does not light or color wrong
0.65
09
Bezel
9.1 Bezel may not have rust, be deformed or have fingerprints, stains or other contamination
2.5
9.2 Bezel must comply with job specifications
0.65
10
PCB, COB
10.1 COB seal may not have pinholes larger than 0.2 mm or contamination
2.5
10.2 COB seal surface may not have pinholes through to the IC
2.5
10.3 The height of the COB should not exceed the height indicated in the assembly diagram
0.65
10.4 There may not be more than 2 mm of sealant outside the seal area on the PCB. And there
should be no more than three places
2.5
10.5 No oxidation or contamination PCB terminals
2.5
10.6 Parts on PCB must be the same as on the production characteristic chart. There should be
no wrong parts, missing parts or excess parts
0.65
10.7 The jumper on the PCB should conform to the product characteristic chart
0.65
10.8 If solder gets on bezel tab pads, OLED pad, zebra pad or screw hold pad, make sure it is
smoothed down
2.5
11
Soldering
11.1 No un-melted solder paste may be present on the PCB
2.5
11.2 No cold solder joints, missing solder connections, oxidation or icicle
2.5
11.3 No residue or solder balls on PCB
2.5
11.4 No short circuits in components on PCB
0.65
12
General appearance
12.1 No oxidation, contamination, curves or, bends on interface pin (OLB) of TCP
2.5
12.2 No cracks on interface pin (OLB) of TCP
0.65
12.3 No contamination, solder residue or solder balls on product
2.5
12.4 The IC on the TCP may not be damaged, circuits
2.5
12.5 The uppermost edge of the protective strip on the interface pin must be present or look as
if it cause the interface pin to sever
2.5
12.6 The residual rosin or tin oil of soldering (component or chip component) is not burned into
brown or black color
2.5
12.7 Sealant on top of the ITO circuit has not hardened
2.5
12.8 Pin type must match type in specification sheet
0.65
12.9 OLED pin loose or missing pins
0.65
12.10 Product packaging must the same as specified on packaging specification sheet
0.65
12.11 Product dimension and structure must conform to product specification sheet
0.65
INSPECTION SPECIFICATION
NO.
ITEM
CRITERION
AQL


Similar Part No. - OLED-016O002B-LPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-016O002B-BPP5N00000 VISHAY-OLED-016O002B-BPP5N00000 Datasheet
427Kb / 23P
16 x 2 Character OLED
01-Jan-2022
More results

Similar Description - OLED-016O002B-LPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-016N002A VISHAY-OLED-016N002A Datasheet
78Kb / 3P
16 x 2 Character OLED
01-Jan-2022
OLED-016N002C-BPP5N00000 VISHAY-OLED-016N002C-BPP5N00000 Datasheet
406Kb / 23P
16 x 2 Character OLED
01-Jan-2022
OLED-016N002C-WPP5N00000 VISHAY-OLED-016N002C-WPP5N00000 Datasheet
406Kb / 23P
16 x 2 Character OLED
01-Jan-2022
OLED-016N002C VISHAY-OLED-016N002C Datasheet
84Kb / 3P
16 x 2 Character OLED
01-Jan-2022
OLED-016N002E VISHAY-OLED-016N002E Datasheet
78Kb / 3P
16 x 2 Character OLED
01-Jan-2022
OLED-016N002H-WPP5N00000 VISHAY-OLED-016N002H-WPP5N00000 Datasheet
378Kb / 23P
16 x 2 Character OLED
01-Jan-2022
OLED-016O002B-BPP5N00000 VISHAY-OLED-016O002B-BPP5N00000 Datasheet
427Kb / 23P
16 x 2 Character OLED
01-Jan-2022
OLED-016O002C-SPP3N00000 VISHAY-OLED-016O002C-SPP3N00000 Datasheet
424Kb / 26P
16 x 2 Character OLED
01-Jan-2022
OLED-016O002G-LPP5N00000 VISHAY-OLED-016O002G-LPP5N00000 Datasheet
221Kb / 14P
16 x 2 Character OLED
01-Jan-2022
OLED-016N002A VISHAY-OLED-016N002A_V01 Datasheet
78Kb / 3P
16 x 2 Character OLED
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com