Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLED-016O002B-LPP5N00000 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # OLED-016O002B-LPP5N00000
Description  16 x 2 Character OLED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OLED-016O002B-LPP5N00000 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button OLED-016O002B-LPP5N00000 Datasheet HTML 3Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 4Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 5Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 6Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 7Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 8Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 9Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 10Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
OLED-016O002B-LPP5N00000
www.vishay.com
Vishay
Revision: 03-Aug-17
7
Document Number: 37794
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
INSPECTION SPECIFICATION
NO.
ITEM
CRITERION
AQL
01
Electrical testing
1.1 Missing vertical, horizontal segment, segment contrast defect
0.65
1.2 Missing character, dot or icon
1.3 Display malfunction
1.4 No function or no display
1.5 Current consumption exceeds product specifications
1.6 OLED viewing angle defect
1.7 Mixed product types
1.8 Contrast defect
02
Black or white
spots on OLED
(display only)
2.1 White and black spots on display
≤ 0.25 mm, no more than three white or black spots present
2.5
2.2 Densely spaced: no more than two spots or lines within 3 mm
03
OLED black spots,
white spots,
contamination
(non-display)
3.1 Round type: as following drawing
Φ = (x + y) / 2
2.5
SIZE
ACCEPTABLE QTY
Φ ≤ 0.10
Accept no dense
0.10 <
Φ ≤ 0.20
2
0.20 <
Φ ≤ 0.25
1
0.25 <
Φ
0
3.2 Line type
(as following drawing)
2.5
LENGTH
WIDTH
ACCEPTABLE QTY
-W
≤ 0.02
Accept no dense
L
≤ 3.0
0.02 < W
≤ 0.03
2
L
≤ 2.5
0.03 < W
≤ 0.05
-
0.05 < W
As round type
04
Polarizer bubbles
If bubbles are visible, judge using black spot
specifications, not easy to find, must check in
specify direction.
2.5
SIZE Φ
ACCEPTABLE QTY
Φ ≤ 0.20
Accept no dense
0.20 <
Φ ≤ 0.50
3
0.50 <
Φ ≤ 1.00
2
1.00 <
Φ
0
Total QTY
3
05
Scratches
Follow no. 3 OLED black spots, white spots, contamination
06
Chipped glass
Symbols:
2.5
x: chip length
y: chip width
z: chip thickness
k: seal width
t: glass thickness
a: OLED side length
l: electrode pad length
6.1 General glass chip:
6.1.1 Chip on panel surface and crack between panels:
z: chip thickness
y: chip width
x: chip length
z
≤ 1/2 t
Not over viewing area
x
≤ 1/8 a
1/2 t < z
≤ 2 t
Not exceed 1/3 k
x
≤ 1/8 a
Note
• If there are 2 or more chips, x is total length of each chip
y
x
W
L
k
z
x
y
k
z
x
y
x
y
z
k


Similar Part No. - OLED-016O002B-LPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-016O002B-BPP5N00000 VISHAY-OLED-016O002B-BPP5N00000 Datasheet
427Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
More results

Similar Description - OLED-016O002B-LPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-016N002E VISHAY-OLED-016N002E Datasheet
78Kb / 3P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002C-SPP3N00000 VISHAY-OLED-016O002C-SPP3N00000 Datasheet
424Kb / 26P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002G-LPP5N00000 VISHAY-OLED-016O002G-LPP5N00000 Datasheet
221Kb / 14P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002A VISHAY-OLED-016N002A_V01 Datasheet
78Kb / 3P
   16 x 2 Character OLED
01-Jan-2023
OLED-016N002A VISHAY-OLED-016N002A Datasheet
78Kb / 3P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002C-BPP5N00000 VISHAY-OLED-016N002C-BPP5N00000 Datasheet
406Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002C-WPP5N00000 VISHAY-OLED-016N002C-WPP5N00000 Datasheet
406Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002C VISHAY-OLED-016N002C Datasheet
84Kb / 3P
   16 x 2 Character OLED
01-Jan-2022
OLED-016N002H-WPP5N00000 VISHAY-OLED-016N002H-WPP5N00000 Datasheet
378Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002B-BPP5N00000 VISHAY-OLED-016O002B-BPP5N00000 Datasheet
427Kb / 23P
   16 x 2 Character OLED
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com