Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLED-016O002B-LPP5N00000 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # OLED-016O002B-LPP5N00000
Description  16 x 2 Character OLED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OLED-016O002B-LPP5N00000 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button OLED-016O002B-LPP5N00000 Datasheet HTML 2Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 3Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 4Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 5Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 6Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 7Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 8Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 9Page - Vishay Siliconix OLED-016O002B-LPP5N00000 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
OLED-016O002B-LPP5N00000
www.vishay.com
Vishay
Revision: 03-Aug-17
6
Document Number: 37794
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Supply voltage for OLED system = operating voltage at 25 °C
TEST AND MEASUREMENT CONDITIONS
1. All measurements shall not be started until the specimens attain to temperature stability. After the completion of the
described reliability test, the samples were left at room temperature for 2 hours prior to conducting the failure test at
23 °C ± 5 °C, 55 % ± 15 % RH
2. All-pixels-on is used as operation test pattern
3. The degradation of polarizer are ignored for high temperature storage, high temperature / humidity storage, temperature
cycle
EVALUATION CRITERIA
4. The function test is OK
5. No observable defects
6. Luminance: > 50 % of initial value
7. Current consumption: within ± 50 % of initial value
APPENDIX: RESIDUE IMAGE
Because the pixels are lighted in different time, the luminance of active pixels may reduce or differ from inactive pixels.
Therefore, the residue image will occur. To avoid the residue image, every pixel needs to be lighted up uniformly.
RELABILITY
ENVIRONMENTAL TEST
TEST ITEM
CONTENT OF TEST
TEST CONDITION
High temperature storage
Endurance test applying the high storage temperature for a
long time
80 °C, 240 h
Low temperature storage
Endurance test applying the low storage temperature for a
long time
-40 °C, 240 h
High temperature operation
Endurance test applying the electric stress (voltage and
current) and the thermal stress to the element for a long time
80 °C, 240 h
Low temperature operation
Endurance test applying the electric stress under low
temperature for a long time
-40 °C, 240 h
High temperature /
humidity storage
Endurance test applying the high temperature and high
humidity storage for a long time
60 °C, 90 % RH, 240 h
Temperature cycle
Endurance test applying the low and high temperature cycle
-40 °C / 80 °C, 100 cycles
-40 °C
25 °C
80 °C
30 min
5 min
30 min
1 cycle
MECHANICAL TEST
Vibration test
Endurance test applying the vibration during transportation
and using
10 Hz to 22 Hz for 1.5 mm peak-to-peak,
22 Hz to 500 Hz for 1.5 g,
total 5 h
Shock test
Constructional and mechanical endurance test applying the
shock during transportation
50 g half sin wave 11 ms,
3 times of each direction
Atmospheric pressure test
Endurance test applying the atmospheric pressure during
transportation by air
115 mbar, 40 h
OTHERS
Static electricity test
Endurance test applying the electric stress to the terminal
VS = ± 600 V (contact), ± 800 V (air),
RS = 330
Ω, CS = 150 pF, 10 times


Similar Part No. - OLED-016O002B-LPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-016O002B-BPP5N00000 VISHAY-OLED-016O002B-BPP5N00000 Datasheet
427Kb / 23P
16 x 2 Character OLED
01-Jan-2022
More results

Similar Description - OLED-016O002B-LPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-016N002E VISHAY-OLED-016N002E Datasheet
78Kb / 3P
16 x 2 Character OLED
01-Jan-2022
OLED-016O002C-SPP3N00000 VISHAY-OLED-016O002C-SPP3N00000 Datasheet
424Kb / 26P
16 x 2 Character OLED
01-Jan-2022
OLED-016O002G-LPP5N00000 VISHAY-OLED-016O002G-LPP5N00000 Datasheet
221Kb / 14P
16 x 2 Character OLED
01-Jan-2022
OLED-016N002A VISHAY-OLED-016N002A_V01 Datasheet
78Kb / 3P
16 x 2 Character OLED
01-Jan-2023
OLED-016N002A VISHAY-OLED-016N002A Datasheet
78Kb / 3P
16 x 2 Character OLED
01-Jan-2022
OLED-016N002C-BPP5N00000 VISHAY-OLED-016N002C-BPP5N00000 Datasheet
406Kb / 23P
16 x 2 Character OLED
01-Jan-2022
OLED-016N002C-WPP5N00000 VISHAY-OLED-016N002C-WPP5N00000 Datasheet
406Kb / 23P
16 x 2 Character OLED
01-Jan-2022
OLED-016N002C VISHAY-OLED-016N002C Datasheet
84Kb / 3P
16 x 2 Character OLED
01-Jan-2022
OLED-016N002H-WPP5N00000 VISHAY-OLED-016N002H-WPP5N00000 Datasheet
378Kb / 23P
16 x 2 Character OLED
01-Jan-2022
OLED-016O002B-BPP5N00000 VISHAY-OLED-016O002B-BPP5N00000 Datasheet
427Kb / 23P
16 x 2 Character OLED
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com