Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLED-016N002A-BPP5N00000 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # OLED-016N002A-BPP5N00000
Description  16 x 2 Character OLEDS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OLED-016N002A-BPP5N00000 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button OLED-016N002A-BPP5N00000 Datasheet HTML 9Page - Vishay Siliconix OLED-016N002A-BPP5N00000 Datasheet HTML 10Page - Vishay Siliconix OLED-016N002A-BPP5N00000 Datasheet HTML 11Page - Vishay Siliconix OLED-016N002A-BPP5N00000 Datasheet HTML 12Page - Vishay Siliconix OLED-016N002A-BPP5N00000 Datasheet HTML 13Page - Vishay Siliconix OLED-016N002A-BPP5N00000 Datasheet HTML 14Page - Vishay Siliconix OLED-016N002A-BPP5N00000 Datasheet HTML 15Page - Vishay Siliconix OLED-016N002A-BPP5N00000 Datasheet HTML 16Page - Vishay Siliconix OLED-016N002A-BPP5N00000 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
OLED-016N002A-BPP5N00000
www.vishay.com
Vishay
Revision: 11-Aug-16
13
Document Number: 37732
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Test and measurement conditions
1. All measurements shall not be started until the specimens attain to temperature stability.
After the completion of the described reliability test, the samples were left at room
temperature for 2 hrs prior to conducting the failure test at 23±5°C; 55±15% RH.
2. All-pixels-on is used as operation test pattern.
3. The degradation of Polarizer are ignored for High Temperature storage, High Temperature/
Humidity Storage, Temperature Cycle
Evaluation criteria
1. The function test is OK.
2. No observable defects.
3. Luminance: > 50% of initial value.
4. Current consumption: within ± 50% of initial value.
APPENDIX:
RESIDUE IMAGE
Because the pixels are lighted in different time, the luminance of active pixels
may reduce or differ from inactive pixels. Therefore, the residue image will occur.
To avoid the residue image, every pixel needs to be lighted up uniformly.


Similar Part No. - OLED-016N002A-BPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-016N002A-GPP5N000A0 VISHAY-OLED-016N002A-GPP5N000A0 Datasheet
436Kb / 23P
16 x 2 Character OLEDS
01-Jan-2022
More results

Similar Description - OLED-016N002A-BPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-016N002A-GPP5N000A0 VISHAY-OLED-016N002A-GPP5N000A0 Datasheet
436Kb / 23P
16 x 2 Character OLEDS
01-Jan-2022
OLED-016N002C-GPP5N00000 VISHAY-OLED-016N002C-GPP5N00000 Datasheet
429Kb / 23P
16 x 2 Character OLEDS
01-Jan-2022
OLED-016N002C-LPP5N00000 VISHAY-OLED-016N002C-LPP5N00000 Datasheet
463Kb / 23P
16 x 2 Character OLEDS
01-Jan-2022
OLED-016N002H-LPP5N00000 VISHAY-OLED-016N002H-LPP5N00000 Datasheet
197Kb / 14P
16 x 2 Character OLEDS
01-Jan-2022
OLED-020N002A-BPP5N00000 VISHAY-OLED-020N002A-BPP5N00000 Datasheet
380Kb / 23P
20 x 2 Character OLEDs
01-Jan-2022
OLED-020N002A-GPP5N000A0 VISHAY-OLED-020N002A-GPP5N000A0 Datasheet
347Kb / 23P
20 x 2 Character OLEDs
01-Jan-2022
OLED-020N002B-GPP5N00000 VISHAY-OLED-020N002B-GPP5N00000 Datasheet
404Kb / 21P
20 x 2 Character OLEDs
01-Jan-2022
OLED-020N004A-GPP5N00000 VISHAY-OLED-020N004A-GPP5N00000 Datasheet
460Kb / 23P
20 x 4 Character OLEDs
01-Jan-2022
OLED-020N004B-BPP5N00000 VISHAY-OLED-020N004B-BPP5N00000 Datasheet
444Kb / 23P
20 x 4 Character OLEDs
01-Jan-2022
OLED-020N004B-LPP5N00000 VISHAY-OLED-020N004B-LPP5N00000 Datasheet
497Kb / 23P
20 x 4 Character OLEDs
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com