Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLED-012N002A-LPP5N00000 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # OLED-012N002A-LPP5N00000
Description  12 x 2 Character OLED
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OLED-012N002A-LPP5N00000 Datasheet(HTML) 1 Page - Vishay Siliconix

  OLED-012N002A-LPP5N00000 Datasheet HTML 1Page - Vishay Siliconix OLED-012N002A-LPP5N00000 Datasheet HTML 2Page - Vishay Siliconix OLED-012N002A-LPP5N00000 Datasheet HTML 3Page - Vishay Siliconix OLED-012N002A-LPP5N00000 Datasheet HTML 4Page - Vishay Siliconix OLED-012N002A-LPP5N00000 Datasheet HTML 5Page - Vishay Siliconix OLED-012N002A-LPP5N00000 Datasheet HTML 6Page - Vishay Siliconix OLED-012N002A-LPP5N00000 Datasheet HTML 7Page - Vishay Siliconix OLED-012N002A-LPP5N00000 Datasheet HTML 8Page - Vishay Siliconix OLED-012N002A-LPP5N00000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
OLED-012N002A-LPP5N00000
www.vishay.com
Vishay
Revision: 10-Aug-16
1
Document Number: 37760
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
12 x 2 Character OLED
FEATURES
• Type: character
• Display format: 12 x 2 characters
• Built-in controller: OLED-0010
• Duty cycle: 1/16
• +5 V power supply
• Interface: 6800
• Sunlight readable and polarizer optional
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
• When you use 5 V for VDD please do not use 3 V or 3.3 V for logic I/O this will cause module does not work.
NC
C10
C11
C12 C13
C14
C15
C16
C17
NC
S4
S6
NC
S10 S12
NC
S16 S18
NC
S22 S24
NC
S28 S30
NC
S34 S36
NC
S40
C10
C11
C12
C13
C14
C15
C16
C17
S42
NC
S46 S48
NC
S52 S54
NC
S58
S60
NC
S64
S66
NC
S70
S72
NC
NC
NC
C8
C7
C6
C5
C4
C3
C2
C1
NC
S3
S5
S7
S9
S11 S13 S15 S17
S19
S21 S23 S25
S27 S29
S31 S33 S35 S37
S39
C8
C7
C6
C5
C4
C3
C2
C1
S41 S43
S45 S47 S49
S51 S53 S55 S57
S59
S61 S63
S65 S67 S69
S71 S73
NC
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module dimension
55.7 x 32.0 x 11.0 (max.)
mm
Viewing area
46.0 x 14.5
Active area
38.95 x 11.80
Dot size
0.45 x 0.60
Dot pitch
0.55 x 0.70
Mounting hole
31.2 x 30.0
Character size
2.65 x 5.5
Character pitch
3.3 x 6.3
ABSOLUTE MAXIMUM RATINGS
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
MAX.
Supply voltage
for logic
VDD to VSS
-0.3
5.3
V
Operating
temperature
TOP
-40
+80
°C
Storage
temperature
TST
-40
+80
ELECTRICAL CHARACTERISTICS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Supply voltage for logic
VDD to VSS
-
4.8
5.0
5.3
V
Input high voltage
VIH
-
0.8 VDD
-VDD
V
Input low voltage
VIL
-
GND
-
0.2 VDD
V
Output high voltage
VOH
IOH = -0.5 mA
0.8 VDD
-VDD
V
Output low voltage
VOL
IOL = 0.5 mA
GND
-
0.2 VDD
V
Supply current
IDD
VDD = 5 V
283038
mA
OPTIONS
EMITTING COLOR
MOQ
YELLOW
GREEN
RED
BLUE
WHITE
YELLOW
GREEN
RED
BLUE
WHITE
Yes
----
Yes
-
-
-
-


Similar Part No. - OLED-012N002A-LPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-012N002A-GPP5N00000 VISHAY-OLED-012N002A-GPP5N00000 Datasheet
391Kb / 23P
   12 x 2 Character OLED
01-Jan-2022
OLED-012N002A-WPP5N00000 VISHAY-OLED-012N002A-WPP5N00000 Datasheet
355Kb / 23P
   12 x 2 Character OLED
01-Jan-2022
More results

Similar Description - OLED-012N002A-LPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-012N002A-GPP5N00000 VISHAY-OLED-012N002A-GPP5N00000 Datasheet
391Kb / 23P
   12 x 2 Character OLED
01-Jan-2022
OLED-012N002A-WPP5N00000 VISHAY-OLED-012N002A-WPP5N00000 Datasheet
355Kb / 23P
   12 x 2 Character OLED
01-Jan-2022
OLED-012N002A VISHAY-OLED-012N002A Datasheet
72Kb / 3P
   12 x 2 Character OLED
01-Jan-2022
OLED-012N002A VISHAY-OLED-012N002A_V01 Datasheet
73Kb / 3P
   12 x 2 Character OLED
01-Jan-2023
OLED-008N002A VISHAY-OLED-008N002A_V01 Datasheet
71Kb / 3P
   8 x 2 Character OLED
01-Jan-2023
OLED-008N002A VISHAY-OLED-008N002A Datasheet
70Kb / 3P
   8 x 2 Character OLED
01-Jan-2022
OLED-016N002E VISHAY-OLED-016N002E Datasheet
78Kb / 3P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002B-LPP5N00000 VISHAY-OLED-016O002B-LPP5N00000 Datasheet
215Kb / 14P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002C-SPP3N00000 VISHAY-OLED-016O002C-SPP3N00000 Datasheet
424Kb / 26P
   16 x 2 Character OLED
01-Jan-2022
OLED-040N002A-GPP5N00000 VISHAY-OLED-040N002A-GPP5N00000 Datasheet
424Kb / 23P
   40 x 2 Character OLED
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com