Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLED-012N002A-GPP5N00000 Datasheet(PDF) 14 Page - Vishay Siliconix

Part # OLED-012N002A-GPP5N00000
Description  12 x 2 Character OLED
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OLED-012N002A-GPP5N00000 Datasheet(HTML) 14 Page - Vishay Siliconix

Back Button OLED-012N002A-GPP5N00000 Datasheet HTML 10Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 11Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 12Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 13Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 14Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 15Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 16Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 17Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 18Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
OLED-012N002A-GPP5N00000
www.vishay.com
Vishay
Revision: 10-Aug-16
14
Document Number: 37759
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
10.Inspection Specification
NO
Item
Criterion
AQL
01
Electrical
Testing
1.1 Missing vertical, horizontal segment, segment contrast
defect.
1.2 Missing character , dot or icon.
1.3 Display malfunction.
1.4 No function or no display.
1.5 Current consumption exceeds product specifications.
1.6 OLED viewing angle defect.
1.7 Mixed product types.
1.8 Contrast defect.
0.65
02
Black or
white
spots on
OLED
(display
only)
2.1 White and black spots on display
0.25mm, no more than
three white or black spots present.
2.2 Densely spaced: No more than two spots or lines within
3mm.
2.5
03
OLED
black
spots,
white
spots,
contamina
tion
(non-displ
ay)
3.1 Round type : As
following drawing
SIZE
Acceptable Q
TY
0.10
Accept no
dense
0.10
0.20
2
0.20
0.25
1
0.25
0
2.5
3.2 Line type : (As following drawing)
Length
Width
Acceptable Q TY
---
W
0.02
Accept no dense
L
3.0
0.02
W
0.03
2
L
2.5
0.03
W
0.05
---
0.05
W
As round type
2.5
04
Polarizer
bubbles
If bubbles are visible,
judge using black spot
specifications, not easy
to find, must check in
specify direction.
Acceptable Q TY
0.20
Accept no dense
0.20
0.50
3
0.50
1.00
2
1.00
0
Total Q TY
3
2.5


Similar Part No. - OLED-012N002A-GPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-012N002A-LPP5N00000 VISHAY-OLED-012N002A-LPP5N00000 Datasheet
409Kb / 23P
12 x 2 Character OLED
01-Jan-2022
OLED-012N002A-WPP5N00000 VISHAY-OLED-012N002A-WPP5N00000 Datasheet
355Kb / 23P
12 x 2 Character OLED
01-Jan-2022
More results

Similar Description - OLED-012N002A-GPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-012N002A-WPP5N00000 VISHAY-OLED-012N002A-WPP5N00000 Datasheet
355Kb / 23P
12 x 2 Character OLED
01-Jan-2022
OLED-012N002A VISHAY-OLED-012N002A Datasheet
72Kb / 3P
12 x 2 Character OLED
01-Jan-2022
OLED-012N002A-LPP5N00000 VISHAY-OLED-012N002A-LPP5N00000 Datasheet
409Kb / 23P
12 x 2 Character OLED
01-Jan-2022
OLED-012N002A VISHAY-OLED-012N002A_V01 Datasheet
73Kb / 3P
12 x 2 Character OLED
01-Jan-2023
OLED-008N002A VISHAY-OLED-008N002A_V01 Datasheet
71Kb / 3P
8 x 2 Character OLED
01-Jan-2023
OLED-008N002A VISHAY-OLED-008N002A Datasheet
70Kb / 3P
8 x 2 Character OLED
01-Jan-2022
OLED-016N002E VISHAY-OLED-016N002E Datasheet
78Kb / 3P
16 x 2 Character OLED
01-Jan-2022
OLED-016O002B-LPP5N00000 VISHAY-OLED-016O002B-LPP5N00000 Datasheet
215Kb / 14P
16 x 2 Character OLED
01-Jan-2022
OLED-016O002C-SPP3N00000 VISHAY-OLED-016O002C-SPP3N00000 Datasheet
424Kb / 26P
16 x 2 Character OLED
01-Jan-2022
OLED-040N002A-GPP5N00000 VISHAY-OLED-040N002A-GPP5N00000 Datasheet
424Kb / 23P
40 x 2 Character OLED
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com