Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLED-012N002A-GPP5N00000 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # OLED-012N002A-GPP5N00000
Description  12 x 2 Character OLED
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OLED-012N002A-GPP5N00000 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button OLED-012N002A-GPP5N00000 Datasheet HTML 7Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 8Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 9Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 10Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 11Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 12Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 13Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 14Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
OLED-012N002A-GPP5N00000
www.vishay.com
Vishay
Revision: 10-Aug-16
11
Document Number: 37759
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
8.OLED Lifetime
ITEM
Conditions
Min
Typ
Remark
Operating
Life Time
Ta=25
/ Initial 50% check board
brightness Typical Value
80,000 Hrs
100,000 Hrs
Note
Notes:
1. Life time is defined the amount of time when the luminance has decayed to <50% of the
initial value.
2. This analysis method uses life data obtained under accelerated conditions to extrapolate
an estimated probability density function (pdf) for the product under normal use conditions.
3. Screen saving mode will extend OLED lifetime.


Similar Part No. - OLED-012N002A-GPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-012N002A-LPP5N00000 VISHAY-OLED-012N002A-LPP5N00000 Datasheet
409Kb / 23P
   12 x 2 Character OLED
01-Jan-2022
OLED-012N002A-WPP5N00000 VISHAY-OLED-012N002A-WPP5N00000 Datasheet
355Kb / 23P
   12 x 2 Character OLED
01-Jan-2022
More results

Similar Description - OLED-012N002A-GPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-012N002A-WPP5N00000 VISHAY-OLED-012N002A-WPP5N00000 Datasheet
355Kb / 23P
   12 x 2 Character OLED
01-Jan-2022
OLED-012N002A VISHAY-OLED-012N002A Datasheet
72Kb / 3P
   12 x 2 Character OLED
01-Jan-2022
OLED-012N002A-LPP5N00000 VISHAY-OLED-012N002A-LPP5N00000 Datasheet
409Kb / 23P
   12 x 2 Character OLED
01-Jan-2022
OLED-012N002A VISHAY-OLED-012N002A_V01 Datasheet
73Kb / 3P
   12 x 2 Character OLED
01-Jan-2023
OLED-008N002A VISHAY-OLED-008N002A_V01 Datasheet
71Kb / 3P
   8 x 2 Character OLED
01-Jan-2023
OLED-008N002A VISHAY-OLED-008N002A Datasheet
70Kb / 3P
   8 x 2 Character OLED
01-Jan-2022
OLED-016N002E VISHAY-OLED-016N002E Datasheet
78Kb / 3P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002B-LPP5N00000 VISHAY-OLED-016O002B-LPP5N00000 Datasheet
215Kb / 14P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002C-SPP3N00000 VISHAY-OLED-016O002C-SPP3N00000 Datasheet
424Kb / 26P
   16 x 2 Character OLED
01-Jan-2022
OLED-040N002A-GPP5N00000 VISHAY-OLED-040N002A-GPP5N00000 Datasheet
424Kb / 23P
   40 x 2 Character OLED
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com