Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLED-012N002A-GPP5N00000 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # OLED-012N002A-GPP5N00000
Description  12 x 2 Character OLED
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OLED-012N002A-GPP5N00000 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button OLED-012N002A-GPP5N00000 Datasheet HTML 6Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 7Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 8Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 9Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 10Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 11Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 12Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 13Page - Vishay Siliconix OLED-012N002A-GPP5N00000 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
OLED-012N002A-GPP5N00000
www.vishay.com
Vishay
Revision: 10-Aug-16
10
Document Number: 37759
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
7.Optical Characteristics
Item
Symbol
Condition
Min
Typ
Max
Unit
View Angle
160
deg
160
deg
Contrast Ratio
CR
Dark
2000:1
Response Time
T rise
10
s
T fall
10
s
Display with 50% check Board Brightness
100
120
cd/m2
CIEx(Green)
(CIE1931)
0.24
0.28
0.32
CIEy(Green)
(CIE1931)
0.59
0.63
0.67


Similar Part No. - OLED-012N002A-GPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-012N002A-LPP5N00000 VISHAY-OLED-012N002A-LPP5N00000 Datasheet
409Kb / 23P
12 x 2 Character OLED
01-Jan-2022
OLED-012N002A-WPP5N00000 VISHAY-OLED-012N002A-WPP5N00000 Datasheet
355Kb / 23P
12 x 2 Character OLED
01-Jan-2022
More results

Similar Description - OLED-012N002A-GPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-012N002A-WPP5N00000 VISHAY-OLED-012N002A-WPP5N00000 Datasheet
355Kb / 23P
12 x 2 Character OLED
01-Jan-2022
OLED-012N002A VISHAY-OLED-012N002A Datasheet
72Kb / 3P
12 x 2 Character OLED
01-Jan-2022
OLED-012N002A-LPP5N00000 VISHAY-OLED-012N002A-LPP5N00000 Datasheet
409Kb / 23P
12 x 2 Character OLED
01-Jan-2022
OLED-012N002A VISHAY-OLED-012N002A_V01 Datasheet
73Kb / 3P
12 x 2 Character OLED
01-Jan-2023
OLED-008N002A VISHAY-OLED-008N002A_V01 Datasheet
71Kb / 3P
8 x 2 Character OLED
01-Jan-2023
OLED-008N002A VISHAY-OLED-008N002A Datasheet
70Kb / 3P
8 x 2 Character OLED
01-Jan-2022
OLED-016N002E VISHAY-OLED-016N002E Datasheet
78Kb / 3P
16 x 2 Character OLED
01-Jan-2022
OLED-016O002B-LPP5N00000 VISHAY-OLED-016O002B-LPP5N00000 Datasheet
215Kb / 14P
16 x 2 Character OLED
01-Jan-2022
OLED-016O002C-SPP3N00000 VISHAY-OLED-016O002C-SPP3N00000 Datasheet
424Kb / 26P
16 x 2 Character OLED
01-Jan-2022
OLED-040N002A-GPP5N00000 VISHAY-OLED-040N002A-GPP5N00000 Datasheet
424Kb / 23P
40 x 2 Character OLED
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com