Electronic Components Datasheet Search |
|
OLED-012N002A-GPP5N00000 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
OLED-012N002A-GPP5N00000 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 23 page OLED-012N002A-GPP5N00000 www.vishay.com Vishay Revision: 10-Aug-16 1 Document Number: 37759 For technical questions, contact: displays@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 12 x 2 Character OLED FEATURES • Type: character • Display format: 12 x 2 characters • Built-in controller: OLED-0010 • Duty cycle: 1/16 • +5 V power supply • Interface: 6800 • Sunlight readable and polarizer optional • Material categorization: for definitions of compliance please see www.vishay.com/doc?99912 Note • When you use 5 V for VDD please do not use 3 V or 3.3 V for logic I/O this will cause module does not work. NC C10 C11 C12 C13 C14 C15 C16 C17 NC S4 S6 NC S10 S12 NC S16 S18 NC S22 S24 NC S28 S30 NC S34 S36 NC S40 C10 C11 C12 C13 C14 C15 C16 C17 S42 NC S46 S48 NC S52 S54 NC S58 S60 NC S64 S66 NC S70 S72 NC NC NC C8 C7 C6 C5 C4 C3 C2 C1 NC S3 S5 S7 S9 S11 S13 S15 S17 S19 S21 S23 S25 S27 S29 S31 S33 S35 S37 S39 C8 C7 C6 C5 C4 C3 C2 C1 S41 S43 S45 S47 S49 S51 S53 S55 S57 S59 S61 S63 S65 S67 S69 S71 S73 NC MECHANICAL DATA ITEM STANDARD VALUE UNIT Module dimension 55.7 x 32.0 x 11.0 (max.) mm Viewing area 46.0 x 14.5 Active area 38.95 x 11.80 Dot size 0.45 x 0.60 Dot pitch 0.55 x 0.70 Mounting hole 31.2 x 30.0 Character size 2.65 x 5.5 Character pitch 3.3 x 6.3 ABSOLUTE MAXIMUM RATINGS ITEM SYMBOL STANDARD VALUE UNIT MIN. MAX. Supply voltage for logic VDD to VSS -0.3 5.3 V Operating temperature TOP -40 +80 °C Storage temperature TST -40 +80 ELECTRICAL CHARACTERISTICS ITEM SYMBOL CONDITION STANDARD VALUE UNIT MIN. TYP. MAX. Supply voltage for logic VDD to VSS - 4.8 5.0 5.3 V Input high voltage VIH - 0.8 VDD -VDD V Input low voltage VIL - GND - 0.2 VDD V Output high voltage VOH IOH = -0.5 mA 0.8 VDD -VDD V Output low voltage VOL IOL = 0.5 mA GND - 0.2 VDD V Supply current IDD VDD = 5 V 283038 mA OPTIONS EMITTING COLOR MOQ YELLOW GREEN RED BLUE WHITE YELLOW GREEN RED BLUE WHITE - Yes ---- Yes - -- |
Similar Part No. - OLED-012N002A-GPP5N00000 |
|
Similar Description - OLED-012N002A-GPP5N00000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |