Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLED-008N002A-BPP5N00000 Datasheet(PDF) 12 Page - Vishay Siliconix

Part # OLED-008N002A-BPP5N00000
Description  8 x 2 Character OLED
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OLED-008N002A-BPP5N00000 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button OLED-008N002A-BPP5N00000 Datasheet HTML 8Page - Vishay Siliconix OLED-008N002A-BPP5N00000 Datasheet HTML 9Page - Vishay Siliconix OLED-008N002A-BPP5N00000 Datasheet HTML 10Page - Vishay Siliconix OLED-008N002A-BPP5N00000 Datasheet HTML 11Page - Vishay Siliconix OLED-008N002A-BPP5N00000 Datasheet HTML 12Page - Vishay Siliconix OLED-008N002A-BPP5N00000 Datasheet HTML 13Page - Vishay Siliconix OLED-008N002A-BPP5N00000 Datasheet HTML 14Page - Vishay Siliconix OLED-008N002A-BPP5N00000 Datasheet HTML 15Page - Vishay Siliconix OLED-008N002A-BPP5N00000 Datasheet HTML 16Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
OLED-008N002A-BPP5N00000
www.vishay.com
Vishay
Revision: 10-Aug-16
12
Document Number: 37726
For technical questions, contact: displays@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
9.Reliability
Content of Reliability Test
Environmental Test
Test Item
Content of Test
Test Condition
Applicable
Standard
High
Temperature
storage
Endurance test applying the high
storage temperature for a long time.
80
240hrs
——
Low
Temperature
storage
Endurance test applying the low storage
temperature for a long time.
-40
240hrs
——
High
Temperature
Operation
Endurance test applying the electric
stress (Voltage & Current) and the
thermal stress to the element for a long
time.
80
240hrs
——
Low
Temperature
Operation
Endurance test applying the electric
stress under low temperature for a long
time.
-40
240hrs
——
High
Temperature/
Humidity
Storage
Endurance test applying the high
temperature and high humidity storage
for a long time.
60
240hrs
——
Temperature
Cycle
Endurance test applying the low and
high temperature cycle.
-40
30min
5min
30min
1 cycle
-40
100 cycles
——
Mechanical Test
Vibration test
Endurance test applying the vibration
during transportation and using.
-p
Total 0.5hr
——
Shock test
Constructional and mechanical
endurance test applying the shock
during transportation.
50G Half sin
wave 11 ms
3 times of each
direction
——
Atmospheric
pressure test
Endurance test applying the
atmospheric pressure during
transportation by air.
115mbar
40hrs
——
Others
Static
electricity test
Endurance test applying the electric
stress to the terminal.
VS=±600V(contact),
±800v(air),
RS=330
CS=150pF
10 times
——
*** Supply voltage for OLED system =Operating voltage at 25
Criteria


Similar Part No. - OLED-008N002A-BPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-008N002A-GPP5N00000 VISHAY-OLED-008N002A-GPP5N00000 Datasheet
382Kb / 23P
   8 x 2 Character OLED
01-Jan-2022
OLED-008N002A-RPP5N00000 VISHAY-OLED-008N002A-RPP5N00000 Datasheet
352Kb / 23P
   8 x 2 Character OLED
01-Jan-2022
OLED-008N002A-WPP5N00000 VISHAY-OLED-008N002A-WPP5N00000 Datasheet
364Kb / 22P
   8 x 2 Character OLED
01-Jan-2022
More results

Similar Description - OLED-008N002A-BPP5N00000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OLED-008N002A VISHAY-OLED-008N002A_V01 Datasheet
71Kb / 3P
   8 x 2 Character OLED
01-Jan-2023
OLED-008N002A VISHAY-OLED-008N002A Datasheet
70Kb / 3P
   8 x 2 Character OLED
01-Jan-2022
OLED-008N002A-GPP5N00000 VISHAY-OLED-008N002A-GPP5N00000 Datasheet
382Kb / 23P
   8 x 2 Character OLED
01-Jan-2022
OLED-008N002A-WPP5N00000 VISHAY-OLED-008N002A-WPP5N00000 Datasheet
364Kb / 22P
   8 x 2 Character OLED
01-Jan-2022
OLED-008N002A-RPP5N00000 VISHAY-OLED-008N002A-RPP5N00000 Datasheet
352Kb / 23P
   8 x 2 Character OLED
01-Jan-2022
OLED-016N002E VISHAY-OLED-016N002E Datasheet
78Kb / 3P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002B-LPP5N00000 VISHAY-OLED-016O002B-LPP5N00000 Datasheet
215Kb / 14P
   16 x 2 Character OLED
01-Jan-2022
OLED-016O002C-SPP3N00000 VISHAY-OLED-016O002C-SPP3N00000 Datasheet
424Kb / 26P
   16 x 2 Character OLED
01-Jan-2022
OLED-040N002A-GPP5N00000 VISHAY-OLED-040N002A-GPP5N00000 Datasheet
424Kb / 23P
   40 x 2 Character OLED
01-Jan-2022
OLED-040N002A-SPP5N00000 VISHAY-OLED-040N002A-SPP5N00000 Datasheet
392Kb / 22P
   40 x 2 Character OLED
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com