Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1290801 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 1290801
Description  Web panel - WP 6101-WXPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1290801 Datasheet(HTML) 8 Page - PHOENIX CONTACT

  1290801 Datasheet HTML 1Page - PHOENIX CONTACT 1290801 Datasheet HTML 2Page - PHOENIX CONTACT 1290801 Datasheet HTML 3Page - PHOENIX CONTACT 1290801 Datasheet HTML 4Page - PHOENIX CONTACT 1290801 Datasheet HTML 5Page - PHOENIX CONTACT 1290801 Datasheet HTML 6Page - PHOENIX CONTACT 1290801 Datasheet HTML 7Page - PHOENIX CONTACT 1290801 Datasheet HTML 8Page - PHOENIX CONTACT 1290801 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PCB connector
PCB connector - MSTB 2,5/ 3-STF-5,08 - 1777992
https://www.phoenixcontact.com/us/products/1777992
PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current:
12 A, rated voltage (III/2): 320 V, contact surface: Tin, type of contact: Female
connector, number of potentials: 3, number of rows: 1, number of positions: 3,
number of connections: 3, product range: MSTB 2,5/..-STF, pitch: 5.08 mm,
connection method: Screw connection with tension sleeve, screw head form: L
Slotted, conductor/PCB connection direction: 0 °, locking clip: - without locking
clip, plug-in system: COMBICON MSTB 2,5, locking: Screw locking, mounting:
Screw flange, type of packaging: packed in cardboard
Memory
Memory - MICROSDHC-16GB - 1154696
https://www.phoenixcontact.com/us/products/1154696
Industrial grade 16 GB MicroSDHC 3DTLC
Web panel - WP 6101-WXPS
1290801
https://www.phoenixcontact.com/us/products/1290801
Nov 16, 2022, 7:16 AM
Page 8 (9)


Similar Part No. - 1290801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1290800 PHOENIX-1290800 Datasheet
282Kb / 9P
Web panel - WP 6070-WVPS
Nov 16, 2022
1290802 PHOENIX-1290802 Datasheet
283Kb / 9P
Web panel - WP 6121-WXPS
Nov 16, 2022
1290803 PHOENIX-1290803 Datasheet
282Kb / 9P
Web panel - WP 6156-WHPS
Nov 16, 2022
1290804 PHOENIX-1290804 Datasheet
423Kb / 9P
SAC-3P-M12FSS PE US/.../... - Power cable
1290807 PHOENIX-1290807 Datasheet
282Kb / 9P
Web panel - WP 6185-WHPS
Nov 16, 2022
More results

Similar Description - 1290801

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1290802 PHOENIX-1290802 Datasheet
283Kb / 9P
Web panel - WP 6121-WXPS
Nov 16, 2022
1190417 PHOENIX-1190417 Datasheet
278Kb / 9P
Touch panel - TP 6101-WXPS
Dec 2, 2022
1148687 PHOENIX-1148687 Datasheet
189Kb / 5P
Touch panel - WP 4101-WXPS
1290800 PHOENIX-1290800 Datasheet
282Kb / 9P
Web panel - WP 6070-WVPS
Nov 16, 2022
1290803 PHOENIX-1290803 Datasheet
282Kb / 9P
Web panel - WP 6156-WHPS
Nov 16, 2022
1290807 PHOENIX-1290807 Datasheet
282Kb / 9P
Web panel - WP 6185-WHPS
Nov 16, 2022
1290809 PHOENIX-1290809 Datasheet
282Kb / 9P
Web panel - WP 6215-WHPS
Nov 16, 2022
1190420 PHOENIX-1190420 Datasheet
277Kb / 9P
Touch panel - TP 6121-WXPS
Dec 2, 2022
1060549 PHOENIX-1060549 Datasheet
222Kb / 6P
Web panel - BWP 2043W
Dec 2, 2022
1060630 PHOENIX-1060630 Datasheet
219Kb / 6P
Web panel - BWP 2102W
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com