Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1290800 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1290800
Description  Web panel - WP 6070-WVPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1290800 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1290800 Datasheet HTML 1Page - PHOENIX CONTACT 1290800 Datasheet HTML 2Page - PHOENIX CONTACT 1290800 Datasheet HTML 3Page - PHOENIX CONTACT 1290800 Datasheet HTML 4Page - PHOENIX CONTACT 1290800 Datasheet HTML 5Page - PHOENIX CONTACT 1290800 Datasheet HTML 6Page - PHOENIX CONTACT 1290800 Datasheet HTML 7Page - PHOENIX CONTACT 1290800 Datasheet HTML 8Page - PHOENIX CONTACT 1290800 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Technical Data
Product properties
Product type
Operator panel
Computer data
Processor
Arm® Cortex®-A53, 1.6 GHz
Operating system
Yocto/Linux
Data storage
Flash eMMC, 8 GB
Slots
1x microSD
Display
Display type
17.8 cm/7" TFT
Screen resolution
800 x 480 Pixel(s) (WVGA)
Touch technology
projective-capacitive (PCAP)
Display lighting type
LED
Brightness
500 cd/m² typical (adjustable)
MTBF
50000 h
Color spectrum
16.7 million colors
Reading angle left
89 °
Reading angle right
89 °
Reading angle top
89 °
Reading angle bottom
89 °
Software
User software
QT browser
System requirements
Runtime system
Qt Browser
Interfaces
2x USB Host 2.0, 1x USB Type C 3.0
Interfaces
1x COM (RS-232/422/485)
Optional interfaces
Without optional interface
Network
1x Ethernet (10/100/1000 Mbps), RJ45
Bus system
without
Electrical properties
Supply
Supply voltage
24 V DC
Supply voltage range
18 V ... 32 V
Power supply unit
24 V DC ±20 %
Real-time clock
Realtime clock
Integrated (battery backup)
Web panel - WP 6070-WVPS
1290800
https://www.phoenixcontact.com/us/products/1290800
Nov 16, 2022, 7:16 AM
Page 2 (9)


Similar Part No. - 1290800

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1290801 PHOENIX-1290801 Datasheet
283Kb / 9P
Web panel - WP 6101-WXPS
Nov 16, 2022
1290802 PHOENIX-1290802 Datasheet
283Kb / 9P
Web panel - WP 6121-WXPS
Nov 16, 2022
1290803 PHOENIX-1290803 Datasheet
282Kb / 9P
Web panel - WP 6156-WHPS
Nov 16, 2022
1290804 PHOENIX-1290804 Datasheet
423Kb / 9P
SAC-3P-M12FSS PE US/.../... - Power cable
1290807 PHOENIX-1290807 Datasheet
282Kb / 9P
Web panel - WP 6185-WHPS
Nov 16, 2022
More results

Similar Description - 1290800

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1189629 PHOENIX-1189629 Datasheet
278Kb / 9P
Touch panel - TP 6070-WVPS
Dec 2, 2022
1290803 PHOENIX-1290803 Datasheet
282Kb / 9P
Web panel - WP 6156-WHPS
Nov 16, 2022
1290807 PHOENIX-1290807 Datasheet
282Kb / 9P
Web panel - WP 6185-WHPS
Nov 16, 2022
1290801 PHOENIX-1290801 Datasheet
283Kb / 9P
Web panel - WP 6101-WXPS
Nov 16, 2022
1290809 PHOENIX-1290809 Datasheet
282Kb / 9P
Web panel - WP 6215-WHPS
Nov 16, 2022
1290802 PHOENIX-1290802 Datasheet
283Kb / 9P
Web panel - WP 6121-WXPS
Nov 16, 2022
1060549 PHOENIX-1060549 Datasheet
222Kb / 6P
Web panel - BWP 2043W
Dec 2, 2022
1060630 PHOENIX-1060630 Datasheet
219Kb / 6P
Web panel - BWP 2102W
Dec 2, 2022
1060632 PHOENIX-1060632 Datasheet
221Kb / 6P
Web panel - BWP 2070W
Dec 2, 2022
2913645 PHOENIX-2913645 Datasheet
67Kb / 4P
Touch panel - WP 06T
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com