Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP4511GD Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP4511GD
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4511GD Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP4511GD Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4511GD Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4511GD Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4511GD Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4511GD Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4511GD Datasheet HTML 6Page - Advanced Power Electronics Corp. AP4511GD Datasheet HTML 7Page - Advanced Power Electronics Corp. AP4511GD Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Advanced Power
N AND P-CHANNEL ENHANCEMENT
Electronics Corp.
MODE POWER MOSFET
▼ Low Gate Charge
N-CH BVDSS
35V
▼ Fast Switching Speed
RDS(ON)
25mΩ
▼ PDIP-8 Package
ID
7A
P-CH
BVDSS
-35V
RDS(ON)
40mΩ
Description
ID
-6.1A
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
N-channel
P-channel
VDS
Drain-Source Voltage
35
-35
V
VGS
Gate-Source Voltage
±20
±20
V
ID@TA=25℃
Continuous Drain Current
3
7
-6.1
A
ID@TA=70℃
Continuous Drain Current
3
5.7
-5
A
IDM
Pulsed Drain Current
1
30
-30
A
PD@TA=25℃
Total Power Dissipation
2.0
W
Linear Derating Factor
0.016
W/℃
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
62.5
℃/W
Data and specifications subject to change without notice
Parameter
1
Thermal Data
AP4511GD
RoHS-compliant Product
G2
D2
S2
G1
D1
S1
D1
D1
D2
D2
S1
G1
S2
G2
PDIP-8
Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, ultra low on-resistance and
cost-effectiveness.
200805262


Similar Part No. - AP4511GD

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4511GD A-POWER-AP4511GD_14 Datasheet
161Kb / 8P
   Fast Switching Speed
More results

Similar Description - AP4511GD

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com