Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP4511GD Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP4511GD
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4511GD Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP4511GD Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4511GD Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4511GD Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4511GD Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4511GD Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4511GD Datasheet HTML 6Page - Advanced Power Electronics Corp. AP4511GD Datasheet HTML 7Page - Advanced Power Electronics Corp. AP4511GD Datasheet HTML 8Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
N-Channel
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
4
AP4511GD
0
10
20
30
40
50
01
23
45
V DS , Drain-to-Source Voltage (V)
T A =25
o C
10V
7.0V
5.0V
4.5V
V G =3.0V
0
2
4
6
0
0.2
0.4
0.6
0.8
1
1.2
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0.4
0.8
1.2
1.6
-50
0
50
100
150
T j , Junction Temperature (
o C)
0
10
20
30
40
50
01
23
45
V DS , Drain-to-Source Voltage (V)
T A = 150
o C
10V
7.0V
5.0V
4.5V
V G =3.0V
20
40
60
80
24
68
10
V GS , Gate-to-Source Voltage (V)
I D =5 A
T A =25
o C
0.6
1.0
1.4
1.8
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =7 A
V G =10V


Similar Part No. - AP4511GD

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4511GD A-POWER-AP4511GD_14 Datasheet
161Kb / 8P
   Fast Switching Speed
More results

Similar Description - AP4511GD

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com